Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGF2 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # FGF2
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FGF2 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button FGF2 Datasheet HTML 42Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 43Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 44Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 45Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 46Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 47Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 48Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 49Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
74
HPS IMPERATOR®
SECTION 1
HPS ImPErATOr®
seCtIon 1
© Hammond Power Solutions Inc.
Data subject to change without notice.
Group K
HPS Imperator - Wiring schematic drawings continued
pH***mGJ schematic for 50, 75 and 100Va units
High Voltage (HV)
Install supplied Jumpers
supply lines
Install fuse
(primary Volts)
Between terminals
Connect to
Clips to
380
none
1, 3
Unfused
277
None
1, 7
Unfused
208
none
1, 2
Unfused
380
3-8
6, 4
1-5, 4-8
277
8-7
6, 4
1-5, 4-8
208
2-8
6, 4
1-5, 4-8
low Voltage (lV)
Install supplied links
load lines
Install fuse
(secondary Volts)
Between terminals
Connect to
Clips to
120
3-4, 1-2
1, 4
Unfused
240
2-3
1, 4
Unfused
120
3-4, 1-2
4, 6
1-5
240
2-3
4, 6
1-5
1
2
3
4
3
4
3
1
2
4
6
7
2
5
2
1
3
4
8
LV
120V
240V
HV
Dotted line represents
supplied jumper lead*
380V
277V
208V
1
6
5
pH***mGJ schematic for 150Va to 1000Va units
2
3
4
5
6
5
1
4
3
7
8
3 2
4
5
6
1
5
6
4
2 1
3
LV
120V
240V
HV
Dotted line represents
supplied jumper lead*
380V
277V
208V
2
1
7
High Voltage (HV)
Install supplied Jumpers
supply lines
Install fuse
(primary Volts)
Between terminals
Connect to
Clips to
380
none
2, 6
Unfused
277
None
2, 4
Unfused
208
none
2, 3
Unfused
380
8-6
1, 5
2-7, 5-8
277
4-8
1, 5
2-7, 5-8
208
3-8
1, 5
2-7, 5-8
low Voltage (lV)
Install supplied links
load lines
Install fuse
(secondary Volts)
Between terminals
Connect to
Clips to
120
4-5, 2-3
2, 5
Unfused
240
3-4
2, 5
Unfused
120
4-5, 2-3
1, 5
2-7
240
3-4
1, 5
2-7
*this primary fuse jumper is supplied with the primary fuse kit only.
*this primary fuse jumper is supplied with the primary fuse kit only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com