Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGF2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # FGF2
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FGF2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button FGF2 Datasheet HTML 9Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 10Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 11Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 12Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 13Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 14Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 15Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 16Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
SECTION 9
SECTION 1
41
Machine Tool indusTrial conTrol
secondary fuse clips and fuse clip mounting screws supplied standard with transformers up to and including 500Va. primary and secondary
voltage links/jumpers supplied standard with transformers.
*Note: Unfused finger guard kits are marked with an asterisk, for more information refer to page 45.
refer to page 70 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
*** Available with FACTORY INSTALLED Primary and Secondary Fuse Kits up to 1000VA. To order, add the suffix “-FK” to the above part number. Refer to page 44 for details. ***
secondary fuse clips, fuse clip mounting screws and primary and secondary voltage links/jumpers supplied standard with transformers.
*Note: Unfused finger guard kits are marked with an asterisk, for more information refer to page 45.
refer to page 71 for wiring schematic drawing. Custom voltage and Va sizes available upon request.
all dimensions in inches
all dimensions in inches
© Hammond Power Solutions Inc.
Data subject to change without notice.
fIGure a
A
D
E
C
B
G x H
A
D
E
C
B
G x H
fIGure B
fIGure C
50/60 Hertz
primary Voltage:
120 X 240
115 X 230
110 X 220
secondary Voltage:
12 X 24
11.5 X 23
11 X 22
Group G
50/60 Hertz
primary Voltage:
600/480/240
575/460/230
550/440/220
secondary Voltage:
120/100
115/95
110/90
Group H
A
D
E
C
G x H
B
Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
depth
with
finger
Guard
approx.
ship
Weight
lbs.
optional
primary
fuse
Kit p/n
optional
unfused and
fused finger
Guard Kit p/n
a
B
C
d
e
G X H
50
pH50pG
A
4.17/2.08 3.00 4.38 3.19 2.50 2.25 0.22 x 0.44
4.00
5.82
3.50
PFK1
FG1*/FGF1
75
pH75pG
A
6.25/3.13
3.25
3.88
3.56
2.63
2.50
0.22 x 0.44
4.37
5.32
3.54
PFK1
FG2*/FGF2
100
pH100pG
A
8.33/4.17 3.25 4.19 3.63 2.63 2.63 0.22 x 0.44
4.44
5.63
4.50
PFK1
FG2*/FGF2
150
pH150pG
B
12.5/6.25
4.00
4.94
3.81
3.38
2.75 0.22 x 0.75
4.50
6.44
5.70
PFK2
FG3
250
pH250pG
B
20.8/10.4
4.50
5.44
3.81
3.75 3.13 0.22 x 0.75
4.50
6.94
7.50
PFK2
FG3
350
pH350pG
B
29.2/14.6
4.50
5.19
4.44
3.75 3.75 0.22 x 0.75
4.94
6.69
10.1
PFK3
FG4
500
pH500pG
B
41.7/20.8 4.75 5.94 4.31 4.06 3.81 0.31 x 0.94
4.81
7.44
14.2
PFK3
FG4
750
pH750pG
C
62.5/31.3
5.13
6.69
4.31
4.38
4.31
0.31 x 0.81
4.81
8.19
16.6
PFK3
FG5
1000
pH1000pG
C
83.3/41.7 5.25 6.81 4.94 4.50 4.44 0.31 x 0.81
5.56
8.31
23.6
PFK3
FG5
Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
depth
with
finger
Guard
approx.
ship
Weight
lbs.
optional
primary
fuse
Kit p/n
optional
unfused and
fused finger
Guard Kit p/n
a
B
C
d
e
G X H
50
pH50mBmH
A
0.43
3.25
4.06
3.63
2.63
2.63
0.22 x 0.44
4.44
5.50
4.10
PFK5
FG2*/FGF2
75
pH75mBmH
A
0.65
3.25
4.19
3.63
2.63
2.63
0.22 x 0.44
4.44
5.63
4.50
PFK5
FG2*/FGF2
100
pH100mBmH
B
0.87
4.00
4.63
3.81
3.38
2.75 0.22 x 0.75
4.50
6.13
4.90
PFK6
FG3
150
pH150mBmH
B
1.30
4.00
5.44
3.81
3.38
2.75 0.22 x 0.75
4.50
6.94
7.60
PFK6
FG3
250
pH250mBmH
B
2.17
4.50
5.19
4.44
3.75 3.75 0.22 x 0.75
4.94
6.69
10.1
PFK6
FG4
350
pH350mBmH
B
3.04
4.50
5.56
4.44
3.75 3.75 0.22 x 0.75
4.94
7.06
11.0
PFK7
FG4
500
pH500mBmH
B
4.35
4.75 6.69 4.31 4.06 4.50 0.31 x 0.94
4.81
8.19
16.3
PFK7
FG4
750
pH750mBmH
B
6.52
5.25
6.81
4.94
4.50
4.44
0.31 x 0.81
5.56
8.31
23.6
PFK7
FG5
1000
pH1000mBmH
B
8.70
5.25
8.19
4.94
4.50
5.81
0.31 x 0.81
5.56
9.69
31.2
PFK7
FG5
1500
pH1500mBmH
B
13.0
5.25
8.19
4.94
4.50
6.06
0.38 x 1.0
5.56
9.69
32.0
PFK7
FG5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com