Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL314IB Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 9Page - Exar Corporation XRT83SL314IB Datasheet HTML 10Page - Exar Corporation XRT83SL314IB Datasheet HTML 11Page - Exar Corporation XRT83SL314IB Datasheet HTML 12Page - Exar Corporation XRT83SL314IB Datasheet HTML 13Page - Exar Corporation XRT83SL314IB Datasheet HTML 14Page - Exar Corporation XRT83SL314IB Datasheet HTML 15Page - Exar Corporation XRT83SL314IB Datasheet HTML 16Page - Exar Corporation XRT83SL314IB Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
10
CONTROL FUNCTION
NAME
PIN
TYPE
DESCRIPTION
TEST
D4
I
Factory Test Mode
For normal operation, the TEST pin should be tied to ground.
NOTE: Internally pulled "Low" with a 50k
Ω resistor.
ICT
A2
I
In Circuit Testing
When this pin is tied "Low", all output pins are forced to "High" impedance for
in circuit testing.
NOTE: Internally pulled "High" with a 50K
Ω resistor.
CLOCK SECTION
NAME
PIN
TYPE
DESCRIPTION
MCLKin
A6
I
Master Clock Input
The master clock input can accept a wide range of inputs that can be used to
generate T1 or E1 clock rates on a per channel basis. See the register map for
details.
8kHzOUT
D8
O
8kHz Output Clock
MCLKE1out
A5
O
2.048MHz Output Clock
MCLKE1Nout
A4
O
2.048MHz, 4.096MHz, 8.192MHz, or 16.384MHz Output Clock
See the register map for programming details.
MCLKT1out
A7
O
1.544MHz Output Clock
MCLKT1Nout
B8
O
1.544MHz, 3.088MHz, 6.176MHz, or 12.352MHz Output Clock
See the register map for programming details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com