Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL314IB Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 17Page - Exar Corporation XRT83SL314IB Datasheet HTML 18Page - Exar Corporation XRT83SL314IB Datasheet HTML 19Page - Exar Corporation XRT83SL314IB Datasheet HTML 20Page - Exar Corporation XRT83SL314IB Datasheet HTML 21Page - Exar Corporation XRT83SL314IB Datasheet HTML 22Page - Exar Corporation XRT83SL314IB Datasheet HTML 23Page - Exar Corporation XRT83SL314IB Datasheet HTML 24Page - Exar Corporation XRT83SL314IB Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
18
2.2
Equalizer Control
The main objective of the equalizer is to amplify an input attenuated signal to a pre-determined amplitude that
is acceptable to the peak detector circuit. Using feedback from the peak detector, the equalizer will gain the
input up to the maximum value specified by the equalizer control bits, in the appropriate channel register,
normalizing the signal.
Once the signal has reached the pre-determined amplitude, the signal is then
processed within the peak detector and slicer circuit. A simplified block diagram of the equalizer and peak
detector is shown in Figure 6.
FIGURE 6. SIMPLIFIED BLOCK DIAGRAM OF THE EQUALIZER AND PEAK DETECTOR
2.3
Cable Loss Indicator
The ability to monitor the cable loss attenuation of the receiver inputs is a valuable feature. The XRT83SL314
contains a per channel, read only register for cable loss indication. CLOS[5:0] is a 6-Bit binary word that
reports the value of cable loss in 1dB steps. An example of -15dB cable loss attenuation is shown in Figure 7.
FIGURE 7. SIMPLIFIED BLOCK DIAGRAM OF THE CABLE LOSS INDICATOR
Peak
Detector &
Slicer
Rx Equalizer
Rx Equalizer
Control
RTIP
RRING
-15dB of Cable
Loss
Equalizer and
Peak Detector
CLOS[5:0] = 0x0Fh
(15dec = 0Fhex)
-15dB Attenuated
Signal
Read Only
XRT83SL314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com