Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL314IB Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 35Page - Exar Corporation XRT83SL314IB Datasheet HTML 36Page - Exar Corporation XRT83SL314IB Datasheet HTML 37Page - Exar Corporation XRT83SL314IB Datasheet HTML 38Page - Exar Corporation XRT83SL314IB Datasheet HTML 39Page - Exar Corporation XRT83SL314IB Datasheet HTML 40Page - Exar Corporation XRT83SL314IB Datasheet HTML 41Page - Exar Corporation XRT83SL314IB Datasheet HTML 42Page - Exar Corporation XRT83SL314IB Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
36
NOTE: VDD=3.3V ±5%, TA=25°C, Unless Otherwise Specified
4.2
HDB3/B8ZS Encoder
In single rail mode, the LIU can encode the TPOS input signal to AMI or HDB3/B8ZS data. In E1 mode and
HDB3 encoding selected, any sequence with four or more consecutive zeros in the input will be replaced with
000V or B00V, where "B" indicates a pulse conforming to the bipolar rule and "V" representing a pulse violating
the rule. An example of HDB3 encoding is shown in Table 9. In T1 mode and B8ZS encoding selected, an
input data sequence with eight or more consecutive zeros will be replaced using the B8ZS encoding rule. An
example with Bipolar with 8 Zero Substitution is shown in Table 10.
TABLE 8: TIMING SPECIFICATIONS FOR TCLK/TPOS/TNEG
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TCLK Duty Cycle
TCDU
30
50
70
%
Transmit Data Setup Time
TSU
50
-
-
ns
Transmit Data Hold Time
THO
30
-
-
ns
TCLK Rise Time (10% to 90%)
TCLKR
-
-
40
ns
TCLK Fall Time (90% to 10%)
TCLKF
-
-
40
ns
TABLE 9: EXAMPLES OF HDB3 ENCODING
NUMBER OF PULSES BEFORE
NEXT 4 ZEROS
Input
0000
HDB3 (Case 1)
Odd
000V
HDB3 (Case 2)
Even
B00V
TABLE 10: EXAMPLES OF B8ZS ENCODING
CASE 1
PRECEDING PULSE
NEXT 8 BITS
Input
+
00000000
B8ZS
000VB0VB
AMI Output
+
000+-0-+
Case 2
Input
-
00000000
B8ZS
000VB0VB
AMI Output
-
000-+0+-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com