Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL314IB Datasheet(PDF) 17 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 17 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 13Page - Exar Corporation XRT83SL314IB Datasheet HTML 14Page - Exar Corporation XRT83SL314IB Datasheet HTML 15Page - Exar Corporation XRT83SL314IB Datasheet HTML 16Page - Exar Corporation XRT83SL314IB Datasheet HTML 17Page - Exar Corporation XRT83SL314IB Datasheet HTML 18Page - Exar Corporation XRT83SL314IB Datasheet HTML 19Page - Exar Corporation XRT83SL314IB Datasheet HTML 20Page - Exar Corporation XRT83SL314IB Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
14
1.0
CLOCK SYNTHESIZER
In system design, fewer clocks on the network card could reduce noise and interference. Common clock
references such as 8kHz are readily available to network designers. Network cards that support both T1 and
E1 modes must be able to produce 1.544MHz and 2.048MHz transmission data. The XRT83SL314 has a built
in clock synthesizer that requires only one input clock reference by programming CLKSEL[3:0] in the
appropriate global register. A list of the input clock options is shown in Table 1.
The single input clock reference is used to generate multiple timing references. The first objective of the clock
synthesizer is to generate 1.544MHz and 2.048MHz for each of the 14 channels. This allows each channel to
operate in either T1 or E1 mode independent from the other channels. The state of the equalizer control bits in
the appropriate channel registers determine whether the LIU operates in T1 or E1 mode. The second objective
is to generate additional output clock references for system use. The available output clock references are
shown in Figure 2.
TABLE 1: INPUT CLOCK SOURCE SELECT
CLKSEL[3:0]
INPUT CLOCK REFERENCE
0h (0000)
2.048 MHz
1h (0001)
1.544MHz
2h (0010)
8 kHz
3h (0011)
16 kHz
4h (0100)
56 kHz
5h (0101)
64 kHz
6h (0110)
128 kHz
7h (0111)
256 kHz
8h (1000)
4.096 MHz
9h (1001)
3.088 MHz
Ah (1010)
8.192 MHz
Bh (1011)
6.176 MHz
Ch (1100)
16.384 MHz
Dh (1101)
12.352 MHz
Eh (1110)
2.048 MHz
Fh (1111)
1.544 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com