Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL314IB Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 45Page - Exar Corporation XRT83SL314IB Datasheet HTML 46Page - Exar Corporation XRT83SL314IB Datasheet HTML 47Page - Exar Corporation XRT83SL314IB Datasheet HTML 48Page - Exar Corporation XRT83SL314IB Datasheet HTML 49Page - Exar Corporation XRT83SL314IB Datasheet HTML 50Page - Exar Corporation XRT83SL314IB Datasheet HTML 51Page - Exar Corporation XRT83SL314IB Datasheet HTML 52Page - Exar Corporation XRT83SL314IB Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
46
FIGURE 39. INTEL µP INTERFACE SIGNALS DURING PROGRAMMED I/O READ AND WRITE OPERATIONS
TABLE 18: INTEL MICROPROCESSOR INTERFACE TIMING SPECIFICATIONS
SYMBOL
PARAMETER
MIN
MAX
UNITS
t0
Valid Address to CS Falling Edge
0
-
ns
t1
CS Falling Edge to RD Assert
30
-
ns
t2
RD Assert to RDY Assert
-
150
ns
NA
RD Pulse Width (t2)
150
-
ns
t3
CS Falling Edge to WR Assert
30
-
ns
t4
WR Assert to RDY Assert
-
150
ns
NA
WR Pulse Width (t4)
150
-
ns
CS
ADDR[10:0]
ALE = 1
DATA[7:0]
RD
WR
RDY
Valid Data for Readback
Data Available to Write Into the LIU
READ OPERATION
WRITE OPERATION
t
0
t
0
t
1
t
4
t
2
t
3
Valid Address
Valid Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com