Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP333 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP333
Description  5V Only RS-232/AppleTalk??Programmable Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP333 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP333 Datasheet HTML 4Page - Sipex Corporation SP333 Datasheet HTML 5Page - Sipex Corporation SP333 Datasheet HTML 6Page - Sipex Corporation SP333 Datasheet HTML 7Page - Sipex Corporation SP333 Datasheet HTML 8Page - Sipex Corporation SP333 Datasheet HTML 9Page - Sipex Corporation SP333 Datasheet HTML 10Page - Sipex Corporation SP333 Datasheet HTML 11Page - Sipex Corporation SP333 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Rev 07/29/02
SP333 RS-232/AppleTalk Programmable Transceiver
© Copyright 2002 Sipex Corporation
Phase 1
-Vss charge storage- During this phase of the
clock cycle, the positive side of capacitors C1
and C2 are initially charged to +5V. C1+ is then
switched to ground and charge in C1- is trans-
ferred to C2-. Since C2+ is connected to +5V,
the voltage potential across capacitor C2 is
now 10V.
Phase 2
-Vss transfer- Phase two of the clock connects
the negative terminal of C2 to the Vss storage
capacitor and the positive terminal of C2 to
ground, and transfers the generated -10V to C3.
Simultaneously, the positive side of capacitor
C1 is switched to +5V and the negative side is
connected to ground.
Phase 3
-Vdd charge storage- The third phase of the
clock is identical to the first phase- the trans-
ferred charge in C1 produces -5V in the negative
terminal of C1, which is applied to the negative
side of capacitor C2. Since C2+ is at +5V, the
voltage potential across C2 is 10V.
Phase 4
-Vdd transfer- The fourth phase of the clock
connects the negative terminal of C2 to ground
and transfers the generated 10V across C2 to C4,
the Vdd storage capacitor. Simultaneously with
this, the positive side of capacitor C1 is switched
to +5V and the negative side is connected to
ground, and the cycle begins again.
Since both V+ and V- are separately generated
from Vcc in a no load condition, V+ and V- will
be symmetrical. Older charge pump approaches
that generate V- from V+ will show a decrease
in the magnitude of V- compared to V+ due to
the inherent inefficiencies in the design.
The clock rate for the charge pump typically
operates at 15kHz. The external capacitors should
be 0.1
µF with a 16V breakdown rating.
External Power Supplies
For applications that do not require +5V only,
external supplies can be applied at the V+ and
V- pins. The value of the external supply volt-
ages must be no greater than
±10V. The current
drain from the
±10V supplies is used for the RS-
232 drivers. For the RS-232 driver, the current
requirement is 3.5mA per driver. The external
power supplies should provide a power supply
sequence of either: +10V, –10V, and then +5V;
or –10V, +10V, and then +5V. It is critical that
the
±10V supplies are on before V
CC.
Figure 11. Charge Pump Waveforms
–10V
b) C
2
–
GND
GND
a) C
2
+
+10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com