Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP333 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP333
Description  5V Only RS-232/AppleTalk??Programmable Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP333 Datasheet(HTML) 1 Page - Sipex Corporation

  SP333 Datasheet HTML 1Page - Sipex Corporation SP333 Datasheet HTML 2Page - Sipex Corporation SP333 Datasheet HTML 3Page - Sipex Corporation SP333 Datasheet HTML 4Page - Sipex Corporation SP333 Datasheet HTML 5Page - Sipex Corporation SP333 Datasheet HTML 6Page - Sipex Corporation SP333 Datasheet HTML 7Page - Sipex Corporation SP333 Datasheet HTML 8Page - Sipex Corporation SP333 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Rev 07/29/02
SP333 RS-232/AppleTalk Programmable Transceiver
© Copyright 2002 Sipex Corporation
SP333
+5V Only RS-232/AppleTalk™ Programmable Transceiver
■ +5V Only, Single Supply Operation
■ Low Power Shutdown
■ 28-Pin SOIC Packaging
■ 3 Drivers, 5 Receivers – RS-232
■ Complete AppleTalk™ Interface
■ High Data Rates
5Mbps Differential Transceivers
460kbps Single-Ended Transceivers
DESCRIPTION…
The SP333 is a monolithic device that supports both Macintosh™ and PC serial interfaces.
RS-232 mode offers three (3) RS-232 drivers and five (5) RS-232 receivers. Mac mode
includes a differential driver and a single-ended inverting driver. Receivers in Mac mode
include one differential receiver, one non-inverting single-ended receiver and one inverting
single-ended receiver. An on-chip charge pump allows +5V-only operation, and a low power
Shutdown mode makes the SP333 ideal for battery powered applications. The interface mode
can be changed at any time by a mode select pin.
+5V
5
0V
V
CC
25
9
12
10
0.1µF
0.1µF
14
26
11
13
0.1µF
0.1µF
C2-
C2+
V+
V-
Shutdown
RS-232/MacMode
TI1
TX1
27
6
T1
TI2
TX2
28
7
T2
TI3
TX3
1
4
T3
RX1
RI1
19
15
R1
RX2
RI2
20
16
R2
RX3
RI3
21
17
R3
RX4
RI4
22
18
R4
RX5
RI5
23
24
R5
RXEN
GND
3
8
+5V
5
+5V
V
CC
25
9
12
10
0.1µF
0.1µF
14
26
11
13
0.1µF
0.1µF
C2-
C2+
V+
V-
Shutdown
RS-232/MacMode
TI1
TX1
27
6
T1
TXEN
TX2
2
7
TI3
TX3
1
4
T3
RX1
19
R1
RI2 16
R3
RX3
RI3
21
17
RX5
RI5
23
24
R5
GND
3
8
RI1 15
PC Mode
Mac Mode
RXEN
SP333
SP333
®
Now Available in Lead Free Packaging


Similar Part No. - SP333

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
5V Only RS-232/AppleTalk Programmable Transceiver
SP333CT SIPEX-SP333CT Datasheet
175Kb / 13P
5V Only RS-232/AppleTalk Programmable Transceiver
SP333ET SIPEX-SP333ET Datasheet
175Kb / 13P
5V Only RS-232/AppleTalk Programmable Transceiver
More results

Similar Description - SP333

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
169Kb / 13P
Programmable RS-232/RS-485 Transceiver
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
5V Only RS-232/AppleTalk Programmable Transceiver
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
Programmable RS-232/RS-485 Transceiver
logo
Linear Technology
LTC1323 LINER-LTC1323 Datasheet
284Kb / 12P
Single 5V AppleTalk Transceiver
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Exar Corporation
SP336E EXAR-SP336E Datasheet
1Mb / 30P
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
logo
Linear Technology
LTC1323 LINER-LTC1323_15 Datasheet
250Kb / 12P
Single 5V AppleTalk Transceiver
logo
Exar Corporation
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com