Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP333 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP333
Description  5V Only RS-232/AppleTalk??Programmable Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP333 Datasheet(HTML) 3 Page - Sipex Corporation

  SP333 Datasheet HTML 1Page - Sipex Corporation SP333 Datasheet HTML 2Page - Sipex Corporation SP333 Datasheet HTML 3Page - Sipex Corporation SP333 Datasheet HTML 4Page - Sipex Corporation SP333 Datasheet HTML 5Page - Sipex Corporation SP333 Datasheet HTML 6Page - Sipex Corporation SP333 Datasheet HTML 7Page - Sipex Corporation SP333 Datasheet HTML 8Page - Sipex Corporation SP333 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Rev 07/29/02
SP333 RS-232/AppleTalk Programmable Transceiver
© Copyright 2002 Sipex Corporation
SPECIFICATIONS (CONTINUED)
T
MIN to TMAX and VCC = 5V±5% unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Differential Receiver
Propagation Delay
t
PHL
100
ns
R
L = 450Ω, CL = 50pF
t
PLH
100
ns
R
L = 450Ω, CL = 50pF
Data Rate
5
Mbps
R
L = 450Ω, CL = 50pF
Single-Ended Inverting Receiver
Input Voltage Range
–15
+15
Volts
Input Threshold Low
0.8
1.2
Volts
Input Threshold High
1.7
3.0
Volts
Hysteresis
200
500
1000
mV
Input Impedance
3
5
7
kΩ
Output Voltage High
3.5
Volts
I
SOURCE = –4mA
Output Voltage Low
0.4
Volts
I
SINK = +4mA
Propagation Delay
t
PHL
100
ns
t
PLH
100
ns
Data Rate
5
Mbps
Single-Ended Non-Inverting Receiver
Input Voltage Range
–7
+7
Volts
Input Threshold Low
-0.2
Volts
Input Threshold High
+0.2
Volts
Hysteresis
70
mV
Input Impedance
12
15
kΩ
Output Voltage High
3.5
Volts
I
SOURCE = –4mA
Output Voltage Low
0.4
Volts
I
SINK = +4mA
Propagation Delay
t
PHL
100
ns
t
PLH
100
ns
Data Rate
5
Mbps
PC Mode (pin 25 = GND)
RS-232 Driver
TTL Input Levels
V
IL
0.8
Volts
Applies to transmitter inputs
V
IH
2.0
Volts
Applies to transmitter inputs
High Level Voltage Output
+5.0
+15.0
Volts
R
L = 3kΩ to Gnd
Low Level Voltage Output
-15.0
-5.0
Volts
R
L = 3kΩ to Gnd
Open Circuit Output
±15
Volts
R
L = ∞
Short Circuit Current
±100
mA
V
OUT = Gnd
Power Off Impedance
300
Ohms
V
CC=0V; VOUT= ±2V
Slew Rate
60
V/µsR
L=3kΩ, CL=50pF; From +3V
to -3V or -3V to +3V
Transition Time
1.56
µs
Rise/fall time, between +3V & –3V
; R
L=3kΩ, CL=2500pF
Propagation Delay
t
PHL
1.5
µsR
L=3kΩ, CL=1000pF; From 1.5V
of T
IN to 50% of VOUT
t
PLH
1.3
µsR
L=3kΩ, CL=1000pF; From 1.5V
of T
IN to 50% of VOUT
Data Rate
460
600
kbps
R
L=3kΩ, CL=1000pF
RS-232 Receiver
TTL Output Levels
V
OL
0.4
Volts
I
SINK = 4mA
V
OH
2.4
I
SOURCE = -4mA
Receiver Input
High Threshold
1.7
3.0
Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com