Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP333 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP333
Description  5V Only RS-232/AppleTalk??Programmable Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP333 Datasheet(HTML) 2 Page - Sipex Corporation

  SP333 Datasheet HTML 1Page - Sipex Corporation SP333 Datasheet HTML 2Page - Sipex Corporation SP333 Datasheet HTML 3Page - Sipex Corporation SP333 Datasheet HTML 4Page - Sipex Corporation SP333 Datasheet HTML 5Page - Sipex Corporation SP333 Datasheet HTML 6Page - Sipex Corporation SP333 Datasheet HTML 7Page - Sipex Corporation SP333 Datasheet HTML 8Page - Sipex Corporation SP333 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Rev 07/29/02
SP333 RS-232/AppleTalk Programmable Transceiver
© Copyright 2002 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
CC...................................................................................................+12V
Input Voltages
Logic........................................................-0.3V to (V
CC+0.5V)
Drivers..................................................-0.3V to (V
CC+0.5V)
Receivers..................................................................±15V
Driver Outputs......................................................................................±14V
Storage Temperature..................................................-65˚C to +150˚C
Power Dissipation..........................................................................1000mW
SPECIFICATIONS
T
MIN to TMAX and VCC = 5V±5% unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
MAC Mode (pin 25 = +5V)
Differential Driver
High Level Output Voltage
+3.6
Volts
I
OH = 8mA
Low Level Output Voltage
-3.6
Volts
I
OH = –8mA
Differential Output, Load
±5V
Volts
R
L = 450Ω (TX outputs to GND)
Differential Output, No Load
±10
Volts
R
L = ∞
Driver Short Circuit Current
±40
500
mA
–7V≤V
O≤+7V; VIN LOW≤0.8V or
V
IN HIGH≥2.0V
Output Leakage Current
±100
µA
–7V≤V
O≤+7V; TxEN = VCC
Input High Voltage
2.0
Volts
Applies to differential driver inputs
Input Low Voltage
0.8
Volts
Applies to differential driver inputs
Input Current
±20
µAV
IN = 0V to VCC
Transition Time
30
ns
R
L = 450Ω, CL = 50pF; Rise/Fall
10% – 90%
Propagation Delay
t
PHL
100
ns
R
L = 450Ω, CL = 50pF
t
PLH
100
ns
R
L = 450Ω, CL = 50pF
Data Rate
5
Mbps
R
L = 450Ω, CL = 50pF
Single-Ended Inverting Driver
High Level Output Voltage
+3.6
+6.0
Volts
R
L = 450Ω to GND; VIN LOW≤0.8V or
V
IN HIGH≥2.0V
Low Level Output Voltage
–6.0
–3.6
Volts
R
L = 450Ω to GND; VIN LOW≤0.8V or
V
IN HIGH≥2.0V
Driver Open Circuit Voltage
±10
Volts
R
L = ∞
Driver Short Circuit Current
±40
mA
–7V≤V
O≤+7V; Infinite duration
Input High Voltage
2.0
Volts
Applies to single-ended driver inputs
Input Low Voltage
0.8
Volts
Applies to single-ended driver inputs
Input Current
±20
µAV
IN = 0V to VCC
Transition Time
30
ns
R
L = 450Ω, CL = 50pF; Rise/Fall
10% – 90%
Propagation Delay
t
PHL
100
ns
R
L = 450Ω, CL = 50pF
t
PLH
100
ns
R
L = 450Ω, CL = 50pF
Data Rate
5
Mbps
R
L = 450Ω, CL = 50pF
Differential Receiver
Differential Input Threshold
-0.2
+0.2
Volts
-7V≤V
CM≤+7V
Input Hysteresis
70
mV
V
CM=0V
Input Resistance
12
kΩ
-7V≤V
CM≤+7V
Output Voltage High
3.5
Volts
I
SOURCE = –4mA
Output Voltage Low
0.4
Volts
I
SINK = +4mA
Short Circuit Current
85
mA
0V≤V
OUT≤VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com