Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP333 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP333
Description  5V Only RS-232/AppleTalk??Programmable Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP333 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP333 Datasheet HTML 5Page - Sipex Corporation SP333 Datasheet HTML 6Page - Sipex Corporation SP333 Datasheet HTML 7Page - Sipex Corporation SP333 Datasheet HTML 8Page - Sipex Corporation SP333 Datasheet HTML 9Page - Sipex Corporation SP333 Datasheet HTML 10Page - Sipex Corporation SP333 Datasheet HTML 11Page - Sipex Corporation SP333 Datasheet HTML 12Page - Sipex Corporation SP333 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Rev 07/29/02
SP333 RS-232/AppleTalk Programmable Transceiver
© Copyright 2002 Sipex Corporation
Shutdown Mode
The SP333 can be put into a low power shut-
down mode by connecting the Shutdown pin
(SD, Pin 26) to a logic HIGH. During Shut-
down, the driver outputs are put into a high
impedance tri-state, and the charge pump is put
into stand-by mode. The supply current drops to
less than 10
µA during shutdown and can be
activated in either RS-232 or AppleTalk mode.
For normal operation, the SD pin should be
connected to a logic LOW.
Receiver Enable
The SP333 has a control line to enable or disable
the receiver outputs. Pin 3 (RXEN) is active
LOW; a logic LOW on Pin 3 will enable the
receiver outputs. A logic HIGH on Pin 3 will
disable the receiver outputs. The receiver en-
able function can be initiated in either RS-232 or
AppleTalk mode.
Wake-Up
The SP333 also features a "wake-up" function.
The wake up function allows the RS-232 receiv-
ers to remain active during Shutdown mode
unless they are disabled by the Receiver Enable
control pin (Pin 3). The wake-up feature allows
users to take advantage of the low power Shut-
down mode and keep the receivers active to
accept an incoming "ring indicator" signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com