Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2172 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2172
Description  ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2172 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2172 Datasheet HTML 1Page - RF Micro Devices RF2172 Datasheet HTML 2Page - RF Micro Devices RF2172 Datasheet HTML 3Page - RF Micro Devices RF2172 Datasheet HTML 4Page - RF Micro Devices RF2172 Datasheet HTML 5Page - RF Micro Devices RF2172 Datasheet HTML 6Page - RF Micro Devices RF2172 Datasheet HTML 7Page - RF Micro Devices RF2172 Datasheet HTML 8Page - RF Micro Devices RF2172 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2-1
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
12 RF OUT
11 RF OUT
2
GND
RF IN 3
1
9
7
6
13
14
15
16
10
8
5
4
Bias
GND
GND
RF2172
ISM BAND 3.6V, 250mW AMP WITH
ANALOG GAIN CONTROL
• BluetoothTM PA
• 2.4GHz to 2.5GHz ISM Band Systems
• 902MHz to 928MHz ISM Band Systems
• 3.6V Spread-Spectrum Cordless Phones
• Portable Battery-Powered Equipment
• Spread-Spectrum Systems
The RF2172 is a medium-power high efficiency amplifier
IC targeting 3.6V handheld systems. The device is manu-
factured on an advanced Gallium Arsenide Heterojunc-
tion Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in 2.45GHz
Bluetooth applications and frequency hopping/direct
sequence spread-spectrum cordless telephones or other
applications in the 902MHz to 928MHz ISM band. The
device is packaged in a compact 4mmx4mm QFN. The
device features analog gain control to optimize transmit
power while maximizing battery life in portable equipment
requiring up to 100mW transmit power at the antenna
port.
BLUETOOTH is a trademark owned by the Bluetooth SIG, Inc., and licensed
to RF Micro Devices, Inc.
• 23.5dBm Typical Output Power
• 0dB to 28dB Variable Gain
• 45% Efficiency at Max Output
• On-Board Power Down Mode
• 2.4GHz to 2.5GHz Operation
• 902MHz to 928MHz Operation
RF2172
ISM Band 3.6V, 250mW Amp with Analog Gain Con-
trol
RF2172PCBA411 Fully Assembled Evaluation Board 2.4 to 2.5GHz
RF2172PCBA410 Fully Assembled Evaluation Board 908 to 928MHz
0
Rev A11 030729
12°
MAX
0.05
0.00
0.75
0.65
1.00
0.90
C
0.05
Dimensions in mm.
Shaded pin is lead 1.
A
4.00
2.00
1.50
SQ.
4.00
2
2.00
1.60
2 PLCS
0.10 C A
2 PLCS
0.10
C AB
M
3.20
2 PLCS
0.75
0.50
0.10 C B
2 PLCS
-B-
0.80
TYP
0.45
0.28
0.10 C A
2 PLCS
3.75
3.75
0.10 C B
2 PLCS
INDEX AREA
Package Style: QFN, 16-Pin, 4x4


Similar Part No. - RF2172

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2172 RFMD-RF2172 Datasheet
292Kb / 12P
ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
RF2172PCBA-H RFMD-RF2172PCBA-H Datasheet
292Kb / 12P
ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
RF2172PCBA-L RFMD-RF2172PCBA-L Datasheet
292Kb / 12P
ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
More results

Similar Description - RF2172

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2172 RFMD-RF2172 Datasheet
292Kb / 12P
ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
logo
Maxim Integrated Produc...
MAX2232 MAXIM-MAX2232 Datasheet
156Kb / 8P
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
19-1470; Rev 0; 4/99
MAX3861 MAXIM-MAX3861 Datasheet
1Mb / 13P
2.7Gbps Post Amp with Automatic Gain Control
Rev 0; 02/02
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
Variable Gain Amplifier with Analog Control
logo
Qorvo, Inc
RFPA2172 QORVO-RFPA2172 Datasheet
462Kb / 12P
ISM Band 3.6V, 250mW AMP with Analog Gain Control
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com