Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP802LEP Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP802LEP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP802LEP Datasheet(HTML) 1 Page - Sipex Corporation

  SP802LEP Datasheet HTML 1Page - Sipex Corporation SP802LEP Datasheet HTML 2Page - Sipex Corporation SP802LEP Datasheet HTML 3Page - Sipex Corporation SP802LEP Datasheet HTML 4Page - Sipex Corporation SP802LEP Datasheet HTML 5Page - Sipex Corporation SP802LEP Datasheet HTML 6Page - Sipex Corporation SP802LEP Datasheet HTML 7Page - Sipex Corporation SP802LEP Datasheet HTML 8Page - Sipex Corporation SP802LEP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Date: 11/29/04
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2004 Sipex Corporation
1
SP690A/692A/802L/
802M/805L/805M
Low Power Microprocessor Supervisory
with Battery Switch-Over
The SP690A/692A/802L/802M/805L/805M are a family of microprocessor (µP) supervisory
circuits that integrate a myriad of components involved in discrete solutions to monitor power-
supply and battery-control functions in µP and digital systems. The series will significantly
improve system reliability and operational efficiency when compared to discrete solutions.
The features of the SP690A/692A/802L/802M/805L/805M include a watchdog timer, a µP
reset and backup-battery switchover, and power-failure warning, a complete µP monitoring
and watchdog solution. The series is ideal for applications in automotive systems, computers,
controllers, and intelligent instruments. All designs where it is critical to monitor the power
supply to the µP and it’s related digital components will find the series to be an ideal solution.
FEATURES
■ Precision Voltage Monitor:
SP690A/SP802L/SP805L at 4.65V
SP692A/SP802M/SP805M at 4.40V
■ Reset Time Delay - 200ms
■ Watchdog Timer - 1.6 sec timeout
■ Minimum component count
■ 60µA Maximum Operating Supply Current
■ 0.6µA Maximum Battery Backup Current
■ 0.1µA Maximum Battery Standby Current
■ Power Switching
250mA Output in V
CC Mode (0.6Ω)
25mA Output in Battery Mode (5Ω)
■ Voltage Monitor for Power Fail or
Low Battery Warning
■ Available in 8 pin SO and DIP packages
■ RESET asserted down to V
CC = 1V
DESCRIPTION
R
E
B
M
U
N
T
R
A
P
T
E
S
E
R
d
l
o
h
s
e
r
h
Td
l
o
h
s
e
r
h
T
d
l
o
h
s
e
r
h
T
d
l
o
h
s
e
r
h
Td
l
o
h
s
e
r
h
T
T
E
S
E
R
y
c
a
r
u
c
c
Ay
c
a
r
u
c
c
A
y
c
a
r
u
c
c
A
y
c
a
r
u
c
c
Ay
c
a
r
u
c
c
A
e
v
i
t
c
A
T
E
S
E
R
y
c
a
r
u
c
c
A
I
F
P
A
0
9
6
P
SV
5
6
.
4V
m
5
2
1W
O
L%
4
A
2
9
6
P
SV
0
4
.
4V
m
5
2
1W
O
L%
4
L
2
0
8
P
SV
5
6
.
4V
m
5
7W
O
L%
2
M
2
0
8
P
SV
0
4
.
4V
m
5
7W
O
L%
2
L
5
0
8
P
SV
5
6
.
4V
m
5
2
1H
G
I
H%
4
M
5
0
8
P
SV
0
4
.
4V
m
5
2
1H
G
I
H%
4
1
2
3
4
5
6
7
8
8 PIN NSOIC
VOUT
VCC
GND
PFI
VBATT
RESET (RESET)*
WDI
PFO
*SP805 only
®
Now Available in Lead Free Packaging
■ Pin Compatible Upgrades to
MAX690A/692A/802L/802M/805L
APPLICATIONS
■ Critical µP Power Monitoring
■ Intellegent Instruments
■ Computers
■ Controllers


Similar Part No. - SP802LEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP802LEP SIPEX-SP802LEP Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP802LEP SIPEX-SP802LEP Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP802LEP EXAR-SP802LEP Datasheet
406Kb / 16P
Low Power Microprocessor Supervisory
More results

Similar Description - SP802LEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com