Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7616
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7616 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7616 Datasheet HTML 1Page - Sipex Corporation SP7616 Datasheet HTML 2Page - Sipex Corporation SP7616 Datasheet HTML 3Page - Sipex Corporation SP7616 Datasheet HTML 4Page - Sipex Corporation SP7616 Datasheet HTML 5Page - Sipex Corporation SP7616 Datasheet HTML 6Page - Sipex Corporation SP7616 Datasheet HTML 7Page - Sipex Corporation SP7616 Datasheet HTML 8Page - Sipex Corporation SP7616 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
-
Mar 22-07 RevD
SP7616: Low Side LED Driver
2007 Sipex Corporation
- -
1
FEATURES
Wide 4.5V to 30V operating range
60mA LED current per channel
1.5% channel to channel current matching
Analog Dimming control
PWM operation up to 5kHz with 10% Duty Cycle
Low dropout: 150mV @ 20mA
Built-in Over Temperature Protection
Lead Free, RoHS Compliant Packaging:
Small 2X3mm DFN
DESCRIPTION
The SP7616 is a 30V 4-Channel linear low side LED driver. It is capable of powering up to four
LED strings of nine LEDs @ 60mA per string for a total of 36 LEDs with 1.5% typical current
matching between channels. The desired LED current can be adjusted with an external resistor,
and the precision string-to-string current matching ensures consistent color temperature across
the whole display. The device also features very low dropout voltage to maximize system
efficiency and avoid difficult thermal design constraints. Dimming can be achieved by feeding a
PWM signal to the PWM pin, or use an analog signal to control the ISET current, this allows
brightness control without unwanted color shifts. Fast LED current turn-on/off time allows up to 5
kHz PWM dimming frequencies with as low as 10% duty cycle, completely eliminating flicker. The
built-in thermal protection prevents damage to the device under fault conditions.
TYPICAL APPLICATION CIRCUIT
High Accuracy 4-Channel Low Side
LED Driver for CCFL Replacement
Connect heat sink
pad to GND
SP7616
RSET


Similar Part No. - SP7616

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7616 SIPEX-SP7616 Datasheet
67Kb / 4P
Evaluation Board Manual
logo
Exar Corporation
SP7616 EXAR-SP7616 Datasheet
1Mb / 11P
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
logo
Sipex Corporation
SP7616EB SIPEX-SP7616EB Datasheet
67Kb / 4P
Evaluation Board Manual
logo
Exar Corporation
SP7616EB EXAR-SP7616EB Datasheet
1Mb / 11P
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
SP7616ER-L EXAR-SP7616ER-L Datasheet
1Mb / 11P
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
More results

Similar Description - SP7616

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
AN44 ZETEX-AN44 Datasheet
117Kb / 6P
A high power LED driver for low voltage halogen replacement
logo
Exar Corporation
SP7616 EXAR-SP7616 Datasheet
1Mb / 11P
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G Datasheet
556Kb / 30P
SPIDER - 4 channel low side driver
Rev. 1.0, February 2008
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
4 channel low-side driver
Rev. 1.2, May 2014
logo
Maxic Technology Corpor...
MT7950H MAXIC-MT7950H Datasheet
182Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
MT7952 MAXIC-MT7952 Datasheet
182Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
MT7955 MAXIC-MT7955 Datasheet
183Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
MT7955L MAXIC-MT7955L Datasheet
185Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
MT7958 MAXIC-MT7958 Datasheet
183Kb / 1P
High Accuracy, Primary-side AC-DC LED Driver
logo
Infineon Technologies A...
TLE92464EDHP INFINEON-TLE92464EDHP Datasheet
4Mb / 97P
High accuracy four channel low-side solenoid driver IC Quality Requirement Category: Automotive
Rev. 1.0 2021-12-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com