Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7616
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7616 Datasheet(HTML) 4 Page - Sipex Corporation

  SP7616 Datasheet HTML 1Page - Sipex Corporation SP7616 Datasheet HTML 2Page - Sipex Corporation SP7616 Datasheet HTML 3Page - Sipex Corporation SP7616 Datasheet HTML 4Page - Sipex Corporation SP7616 Datasheet HTML 5Page - Sipex Corporation SP7616 Datasheet HTML 6Page - Sipex Corporation SP7616 Datasheet HTML 7Page - Sipex Corporation SP7616 Datasheet HTML 8Page - Sipex Corporation SP7616 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
-
Mar 22-07 RevD
SP7616: Low Side LED Driver
2007 Sipex Corporation
- -
4
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Turn on Characteristics
Channel 1 VIN; Channel 4 ILED
Turn on Maximum VIN
Channel 1 VIN; Channel 4 ILED
PWM Function 1kHz 50% Duty Cycle
PWM Function 1 kHz 10% Duty Cycle
PWM Function 5 kHz 50% Duty Cycle
PWM Function 1 kHz 90% Duty Cycle
ILED 20mA/Div
VIN
VIN
ILED 20mA/Div
PWM Signal
PWM Signal
PWM Signal
PWM Signal
LED current
20mA/Div
LEDcurrent
20mA/Div
LED
current
20mA/Div
VLED (Cathode Voltage)
VLED(Cathode Voltage)
VLED (Cathode Voltage)
LED current
20mA/Div
VLED(Cathode Voltage)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com