Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7616
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7616 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7616 Datasheet HTML 1Page - Sipex Corporation SP7616 Datasheet HTML 2Page - Sipex Corporation SP7616 Datasheet HTML 3Page - Sipex Corporation SP7616 Datasheet HTML 4Page - Sipex Corporation SP7616 Datasheet HTML 5Page - Sipex Corporation SP7616 Datasheet HTML 6Page - Sipex Corporation SP7616 Datasheet HTML 7Page - Sipex Corporation SP7616 Datasheet HTML 8Page - Sipex Corporation SP7616 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
-
Mar 22-07 RevD
SP7616: Low Side LED Driver
2007 Sipex Corporation
- -
3
PIN DESCRIPTION
PIN
NAME
DESCRIPTION
PIN #
VIN
Input voltage for the IC. Connect a 1uF decoupling
capacitor between this pin and ground.
1
PWM
This pin must be held high to enable the output drivers. It can
be used for PWM dimming up to 5 kHz.
2
ISET
Connect resistor RSET from this pin to ground to set output
current. Pulling this pin above the shutdown threshold
stated in the Electrical Specifications puts the IC into
shutdown mode
3
GND
Ground return for LED currents and circuitry of the SP7616
4
LED1-
LED4
Connect an LED between each pin and VIN. Current value
is controlled by RSET. The current level through each pin is
internally matched within 3%. Connect unused channel (s)
to GND to save current consumption.
5 - 8
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com