Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7616
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7616 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7616 Datasheet HTML 1Page - Sipex Corporation SP7616 Datasheet HTML 2Page - Sipex Corporation SP7616 Datasheet HTML 3Page - Sipex Corporation SP7616 Datasheet HTML 4Page - Sipex Corporation SP7616 Datasheet HTML 5Page - Sipex Corporation SP7616 Datasheet HTML 6Page - Sipex Corporation SP7616 Datasheet HTML 7Page - Sipex Corporation SP7616 Datasheet HTML 8Page - Sipex Corporation SP7616 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
-
Mar 22-07 RevD
SP7616: Low Side LED Driver
2007 Sipex Corporation
- -
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended period of time may affect
reliability.
VIN……….…………………………………….…-0.3V to 32V
LED1, LED2, LED3, LED4 ……………..…... -0.3V to 32V
ISET, PWM …..…………………..…………..
-0.3V to 6.0V
Storage Temperature..…………………… -65 °C to 150 °C
Junction Temperature.............................. -40°C to +150°C*
Lead Temperature (Soldering, 10 sec)....……………300°C
* Internally protected
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: VIN = 4.5V - 30V, CIN = 1µF, -40°C < TA < 85°C, - 40°C <TJ< 125°C. Bold values apply over the full
operating temperature range.
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Operating Input Voltage Range
4.5
30
V
Shutdown Supply Current
30
40
µA
Voltage at ISET is pulled to 3V;
VIN 30V
Quiescent Supply Current
350
500
µA
No LED connected, VLED pins
are tied to GND. RSET=1M
Quiescent Supply Current
1
1.5
mA
ILED = 30mA
Quiescent Supply Current
1.5
3
mA
ILED = 60mA
LED Current Matching
-3
1.5
3
%
To reference channel (channel 2)
-40°C < TA < 85°C
LED Current Line Regulation
0.5
1
%/V
VLED = 0.5V to 25V , VIN = 28V,
RSET =50kΏ
2
Line Regulation
0.05
0.1
% / V
VIN = 4.5V to 25V, VLED=0.5V
3
Maximum LED Current per channel
60
mA
RSET = 15.38KΏ,
LED Leakage Current
2
µA
PWM pin LOW’ VLED 1V; VIN 5V
Dropout Voltage
0.2
0.3
V
Note 4
Output/ISET Current Multiplication
Ratio
950
+/- 4 Percent -40°C < TA < 85°C
Thermal Shutdown Die Temperature
150
°C
Thermal Shutdown Hysteresis
15
°C
ILED = 0mA. LED current will self
recover when temperature drops
below the trip point, minus
thermal shut down hysteresis.
PWM Pin Logic LOW
0.8
V
Driver is disabled
PWM Pin Logic HIGH
2.4
5.5
V
Driver is active
PWM pin Hysteresis
400
mV
ISET Voltage
0.985
1.00
1.015
ISET Shutdown Threshold
3
V
If ISET is pulled above this
threshold the device goes into full
shutdown
ISET Shutdown Threshold Hysteresis
0.3
V
PWM Dimming Frequency Range
0.1
5
kHz
Applied to PWM pin
PWM Dimming Duty Cycle Range
10
90
%
Applied to PWM pin
Turn-on time from Shutdown
100
300
µs
VMOD from 5V to 0.0V, RSET =
50k
Turn-off time into Shutdown
20
µs
VMOD from 0.0V to 5V, RSET =
50k
Note
1.
Reference channel ILED Variations from specified by RSET value
2.
ILED Variations from specified by RSET value at VLED changing from 0.5 to 25V
3.
ILED Variations from specified by RSET value at VIN changing from 4.5 to 25V
4.
RSET = 31.6KΏ: Dropout voltage is measured as the VLED voltage where LED current drops 5% from nominal value



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com