Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7616
Description  High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7616 Datasheet(HTML) 6 Page - Sipex Corporation

  SP7616 Datasheet HTML 1Page - Sipex Corporation SP7616 Datasheet HTML 2Page - Sipex Corporation SP7616 Datasheet HTML 3Page - Sipex Corporation SP7616 Datasheet HTML 4Page - Sipex Corporation SP7616 Datasheet HTML 5Page - Sipex Corporation SP7616 Datasheet HTML 6Page - Sipex Corporation SP7616 Datasheet HTML 7Page - Sipex Corporation SP7616 Datasheet HTML 8Page - Sipex Corporation SP7616 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
-
Mar 22-07 RevD
SP7616: Low Side LED Driver
2007 Sipex Corporation
- -
6
THEORY OF OPERATION
Introduction
The SP7616 is a four-channel constant current
source LED driver with programmable output
current level. The design consists of a regulator
reference voltage source, current amplifier, and
output driver. The precision reference voltage
ensures good performance over voltage and
temperature. The four outputs are tightly coupled
allowing for excellent LED current matching.
Setting LED current
The LED current is set through the Iset resistor.
The SP7616 provides an internal reference voltage
that is set to 1V at the Iset Pin (Pin3). R
SET is then
determined by using equation 1.
RSET = VI
SET *I
MULT/ILED (kΩ),
(1)
Where
VI
SET is the internal reference (1V)
I
MULT ISET Current Multiplication
Ratio
ILED is the desired Led current.
In example 1: For a 20mA LED current, the current set
resistor should be
RSET=1V*950/20mA (kΩ),
RSET=47.5K
PWM Dimming
The LED dimming control is done through the PWM
pin. The acceptable frequency range of this signal
is 100Hz to 5kHz. The acceptable duty cycle range
of the signal is 10% to 90% at 1KHZ. When the
PWM pin is driven low, only the LED current
sources are disabled while the rest of the chip is
still enabled. .
Analog dimming control
Besides digital PWM control, the LED current can
be controlled continuously (from high to low LED
current) by raising the voltage at the bottom of RSET
from 0.0V to 1V maximum.
RSET value may be
determined from equation 1. Equation 2 shows the
effect of using a VMOD in the circuit on the Led
current
ILED = (1V – VMOD)*IMULT/RSET mA
(2)
Where
1V typical ISET pin voltage
IMULT ISET Current Multiplication
Ratio
ILED is the desired Led current.
VMOD is the adjustment voltage
VMOD is an adjustment voltage applied to the bottom
side of RSET, 950 is a typical current multiplication
ratio IMULT, and ILED is a required LED current in
mA/channel.
Figure 1 shows the location of the
external VMOD source.
Figure 1
If adjustment voltage VMOD is not used, RSET resistor
should be connected to ground.
Shutdown using ISET pin
In normal operation, the voltage at ISET pin is
around 1V. To ensure fast turn on at low duty cycle
and high PWM frequency, only the output drivers
are switching in PWM mode. However, the whole
chip can be shutdown by pulling the voltage at ISET
up to 3V minimum.
VCC pin Considerations
VIN of the SP7616 (Pin 1) needs to be connected to
the anode of the LED for proper operation
Unused Channels and LED 2 Channel (pin 7)
LED 2 channel should never be grounded or left
unconnected it should always be used during
operation.
Other unused channels can be tied to the ground to
save on power consumption.
Shorted LEDs
If all LEDs on a string are shorted, the LED cathode
voltage will be VIN. It is still a working condition for
this
device
but
it
significantly
increases
the
dissipated power.
At 20mA LED current and VIN = 30V additional
power dissipated in the package is equal to 600mW
that will increase die temperature to 59
0C/W x 0.6W
= 35.4
0C, where 590C/W is 2x3 mm DFN package
thermal
resistance.
Assuming
that
all
other
channels are working at VLED =1.5V the die
temperature will be approximately 41
0C above
ambient temperature and that decreases operating
temperature range. Also to protect the part if too



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com