Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7619 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7619
Description  Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7619 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7619 Datasheet HTML 1Page - Sipex Corporation SP7619 Datasheet HTML 2Page - Sipex Corporation SP7619 Datasheet HTML 3Page - Sipex Corporation SP7619 Datasheet HTML 4Page - Sipex Corporation SP7619 Datasheet HTML 5Page - Sipex Corporation SP7619 Datasheet HTML 6Page - Sipex Corporation SP7619 Datasheet HTML 7Page - Sipex Corporation SP7619 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Feb 9-07 Rev E
Constant Current LED Driver
© 2007 Sipex Corporation
Supply Voltage (Vcc) .………………………..6.0V
Input Voltage at any input .….-0.6V to Vcc +0.5V
8-pin DFN Package thermal resistance 59°C/W
Junction Temperature ............. -40°C to +70°C*
Storage Temperature ..………...-65°C to +50°C
Soldering Temperature ...………………+240°C**
*) Internally limited
**) Duration 0s maximum
ELECTRICAL CHARACTERISTICS
Ambient temperature Ta = 25°C, 3.0V < Vcc < 5.5V, .0V <
Vled < 3.0V. Bold denotes specifications which apply
over the full operating temperature range, -40°C to +85°C.
PARAMETER
MIN
TYP
MAX
UNITS CONDITIONS
Vcc Voltage Operating Range 
2.5
5.5
V
Supply Current
Shutdown
Mode

µ
A
EN = GND, CTRL = DC
After Time
Duration 2
350
420
EN = Vcc, CTRL = Vcc
LED Output Current
80
200
220
mA
CTRL pin LOW
450
500
550
SP769 CTRL pin HIGH
630
700
770
SP769A CTRL pin HIGH
LED Current Line Regulation 3
0.
0.5
%/V
3.0 < Vcc < 5.5V,Vled =V
LED Current Load
Regulation 4
.5
6
%
.0 < Vled < 2.5V, Vcc = 5.5V
LED Current Thermal
Regulation
0.0
%/°C Iled = 200 mA
VLED Dropout Voltage 5
75
60
mV
Iled = 500mA for
SP769@25°C
90
85
Iled =700 mA for
SP769A@25°C
60
40
Iled =200 mA for both SP769 &
SP769A @25°C
Thermal Shutdown Die
Temperature
60
°C
Iled = 200mA
Thermal Shutdown Hysteresis
25
°C
Setup Time 6
50
µ
s
Wake-up Time from Shutdown
50
µ
s
EN = LOW to HIGH, CTRL =
DC
Turn-off Time into Shutdown
30
µ
s
EN = HIGH to LOW, CTRL = DC
Time Duration before Sleep
Mode
2
4
7
s
Iled = 500/700 mA, EN = HIGH,
CTRL = HIGH
EN and CTRL pin
Logic Voltage
LOW
0.4
V
Driver in Shutdown Mode
HIGH
1.4
Vcc7
2.5V ≤ Vcc ≤ 5.5V
Notes:
. Vcc must be always higher than LED pin voltage (Vled)
2. After 4s at 500 (700) mA current
3. Iled variations per volt Vcc change
4. Iled variations at Vled change from  to 2.5V
5. 5% change of Iled compared with Iled value at Vled = V
6. Iled settles 50µs later after CTRL from LOW to HIGH or from HIGH to LOW
7. Logic HIGH level should never exceed Vcc voltage
These are stress ratings only and
functional operation of the device at
these ratings or any other above those
indicated in the operation sections of
the specifications below is not implied.
Exposure to absolute maximum rating
conditions for extended periods of time
may affect reliability.
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com