Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7619 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7619
Description  Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7619 Datasheet(HTML) 5 Page - Sipex Corporation

  SP7619 Datasheet HTML 1Page - Sipex Corporation SP7619 Datasheet HTML 2Page - Sipex Corporation SP7619 Datasheet HTML 3Page - Sipex Corporation SP7619 Datasheet HTML 4Page - Sipex Corporation SP7619 Datasheet HTML 5Page - Sipex Corporation SP7619 Datasheet HTML 6Page - Sipex Corporation SP7619 Datasheet HTML 7Page - Sipex Corporation SP7619 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Feb 9-07 Rev E
Constant Current LED Driver
© 2007 Sipex Corporation
THEORY OF OPERATION
Introduction
The SP769 is a linear low-side constant
-current driver designed to drive high power
LEDs from an input voltage rail. The design
consists of a regulator reference voltage
source,voltage-to-currentconverter,thermal
shutdown, timeout shutdown, and output
driver. The precision reference voltage en-
sures good performance over voltage and
temperature. The built-in thermal protection
automatically stops LED current to prevent
overheating. A timeout function serves as a
failsafe, shutting down the output at Flash
Mode after 4 seconds of continuous opera-
tion if the enable input is not cycled.
Current Setting
The LED output current is defined by internal
circuitry.TheinputtothiscircuitryistheCTRL
pin. LOW logic level determines Torch Mode
while HIGH logic level determines Flash
Mode with appropriate output currents. The
ENABLE pin and CTRL pin logic HIGH level
may be applied with Vcc voltage. At Flash
Mode the maximum Time Duration is 4s.
After that, the device is automatically sent
into Sleep Mode. This function is intended
to protect the LED if, for example, the device
was left on in a high current condition for a
long period of time.
To return the device to the Flash Mode use
Shutdown (EN = HIGH to LOW/LOW to
HIGH). Switching the CTRL pin LOW during
SleepModesetsthedeviceintoTorchMode.
The LED output current will reach its final
value 50µs after the CTRLpin transition from
LOW to HIGH or from HIGH to LOW.
Output Driver
The SP769 features a low-side regulated
outputcurrentdriver. AlargeMOSFETdevice
is connected between the LED and GNDP
pins. The MOSFET drain is connected to
the LED pins and the MOSFET source is
connected to the GNDP pins. There are
two pins on each terminal of the MOSFET
in order to minimize power dissipation inside
thepackage.EventhoughtherearetwoLED
and GNDP pins, there is actually only one
output intended to drive one LED.
The light emitting diode connects from VCC
to LED pins. The Iled current regulation is
guaranteed at dropout at the LED pins to be
less than 00mV. The regulation attempts to
maintain the output current to within five per-
cent of nominal even if the voltage between
the LED and GNDP pins varies over a wide
range. The nominal output is guaranteed
within ±10% of the defined current.
Thermal Protection
The SP769 has built-in thermal protec-
tion. An internal p-n junction is compared
to the internal temperature-compensated
reference. When the p-n junction reaches a
temperature specific voltage it trips a com-
parator which shuts down the driver stage of
the part, placing the device into sleep mode
while current setting circuitry remains active.
The shutdown temperature is defined to be
60°C typical.
Thecomparatorcircuithasbuilt-inhysteresis
corresponding to 25°C. The output stage will
resume operation and start sinking the cur-
rent that was defined prior to shutdown when
theinternaltemperaturedropsby25°C. Ifthe
part remains in a high ambient temperature
environment or if a high power dissipation
conditionexists,theoutputstagewillcycleon
and off to maintain a preset internal junction
temperature to avoid catastrophic damage.
In that case, the LED will appear to be blink-
ing. Lower the LED voltage to avoid excess
power dissipation in the IC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com