Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7619 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7619
Description  Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7619 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7619 Datasheet HTML 1Page - Sipex Corporation SP7619 Datasheet HTML 2Page - Sipex Corporation SP7619 Datasheet HTML 3Page - Sipex Corporation SP7619 Datasheet HTML 4Page - Sipex Corporation SP7619 Datasheet HTML 5Page - Sipex Corporation SP7619 Datasheet HTML 6Page - Sipex Corporation SP7619 Datasheet HTML 7Page - Sipex Corporation SP7619 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Feb 9-07 Rev E
Constant Current LED Driver
© 2007 Sipex Corporation
PIN ASSIGNMENTS
Pin #
Pin
Name
Pin Function
 - 2
LED
LED Current Sink. Connect LED cathode to this pin. Voltage at this pin
should be above 00 mV to maintain regulation.
3
Vcc
Power Supply Input. Place µF decoupling capacitor next to this pin
4
EN
Enable/Shutdown pin used to enable/disable driver and reset time count
Logic High – enable, Logic Low – disable/reset.
5
CTRL
This pin is used to switch Iled current between two internally preset levels for
Flash or Torch mode. CTRL = LOW selects Torch mode (200mA), CTRL =
HIGH selects Flash mode 500 (700)mA.
6
GND
Ground pin for control and bias blocks.
7 - 8
GNDP Ground pin. LED current flows through this pin to ground.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com