Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7619 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7619
Description  Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7619 Datasheet(HTML) 4 Page - Sipex Corporation

  SP7619 Datasheet HTML 1Page - Sipex Corporation SP7619 Datasheet HTML 2Page - Sipex Corporation SP7619 Datasheet HTML 3Page - Sipex Corporation SP7619 Datasheet HTML 4Page - Sipex Corporation SP7619 Datasheet HTML 5Page - Sipex Corporation SP7619 Datasheet HTML 6Page - Sipex Corporation SP7619 Datasheet HTML 7Page - Sipex Corporation SP7619 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Feb 9-07 Rev E
Constant Current LED Driver
© 2007 Sipex Corporation
98
200
202
204
206
208
20
22
24
0
00
200
300
400
500
600
Vled, mV
25C
85C
SP769 Load regulation at 200mA Iled current
200
250
300
350
400
450
500
550
0
00
200
300
400
500
Vled, mV
25C
85C
SP769 Load regulation at 500mA Iled current
-0.4
-0.3
-0.2
-0.
0
0.
0.2
0.3
2.5
3
3.5
4
4.5
5
5.5
6
Vcc, V
200mA
700mA
SP769A Line Regulation at 25°C
-5
-4
-3
-2
-
0

2
3
0
0.5

.5
2
2.5
3
3.5
Vled, V
200mA
700mA
SP769 PWM modulation (Channel  – PWM
signal 1kHz, 20% Duty cycle, 2V/div, Channel 3
-Iled current - 1mV is equal 10mA current)
APPLICATION INFORMATION
SP769A Load Regulation at 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com