Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7619 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7619
Description  Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7619 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7619 Datasheet HTML 1Page - Sipex Corporation SP7619 Datasheet HTML 2Page - Sipex Corporation SP7619 Datasheet HTML 3Page - Sipex Corporation SP7619 Datasheet HTML 4Page - Sipex Corporation SP7619 Datasheet HTML 5Page - Sipex Corporation SP7619 Datasheet HTML 6Page - Sipex Corporation SP7619 Datasheet HTML 7Page - Sipex Corporation SP7619 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

Feb 9-07 Rev E
Constant Current LED Driver
© 2007 Sipex Corporation
SP7619/19A
GENERAL DESCRIPTION
The SP769 is a linear low-side, constant-current driver designed to drive high power LEDs
from an input voltage rail. The driver acts as a current source, ensuring constant LED cur-
rent across a range of input voltages. The SP769 allows implementing the lowest cost LED
driver for a variety of applications. Internal circuitry maintains the preset constant current
output for a wide voltage range at the LED input. The LED current can be set at 200mA
at torch mode or 500mA (700mA SP7619A) at flash mode by selecting CTRL pin low/high
respectively. Dimming or shutdown can be done by feeding a PWM signal to the EN pin.
Fast EN turn-on/off time allows for very fast dimming frequencies, completely eliminating
flicker. The built-in thermal protection automatically stops LED current to prevent overheat-
ing. A timeout function serves as a fail safe, shutting down the output at 500mA (700mA)
current after 4 seconds of continuous operation if the enable input is not cycled. The Enable
pin should be cycled HIGH/LOW/HIGH to restart the driver.
FEATURES
Very low dropout voltage (60mV@200mA)
Accurate current regulation down to dropout
voltage
No external components
Selectable output current levels: 200mA &
500mA (700mA for SP769A)
Power-saving shutdown mode of µA
Fast turn-on (<50µs)
Timeout function to protect the LED
Thermal Shutdown protection
RoHS compliant, Lead Free packaging:
Space saving 2mmx3mm 8pin DFN
Constant Current LED Driver
APPLICATIONS
Next Generation Mobile Phones
PDA, DSC, MP3 Players
Handheld Computers
LCD Display Modules
SP7619
8 Pin DFN
8
7
6
5
1
2
3
4
GNDP
GNDP
GND
CTRL
LED
EN
LED
VCC
TYPICAL APPLICATION CIRCUIT
Solved by
TM


Similar Part No. - SP7619

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7619 SIPEX-SP7619 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7619A SIPEX-SP7619A Datasheet
61Kb / 4P
Evaluation Board Manual
SP7619AER-L SIPEX-SP7619AER-L Datasheet
61Kb / 4P
Evaluation Board Manual
SP7619AER-LTR SIPEX-SP7619AER-LTR Datasheet
61Kb / 4P
Evaluation Board Manual
SP7619EB SIPEX-SP7619EB Datasheet
61Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP7619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com