Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP7661
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP7661_07 Datasheet HTML 3Page - Sipex Corporation SP7661_07 Datasheet HTML 4Page - Sipex Corporation SP7661_07 Datasheet HTML 5Page - Sipex Corporation SP7661_07 Datasheet HTML 6Page - Sipex Corporation SP7661_07 Datasheet HTML 7Page - Sipex Corporation SP7661_07 Datasheet HTML 8Page - Sipex Corporation SP7661_07 Datasheet HTML 9Page - Sipex Corporation SP7661_07 Datasheet HTML 10Page - Sipex Corporation SP7661_07 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Mar -07 Rev N
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2007 Sipex Corporation
THEORY OF OPERATION
ThereforewithoutexternalbiasingtheViN
startthresholdis9.5V.Asmallcapacitormay
berequiredbetweenUVINandGNDtofilter
outnoise.ForapplicationswithViNof5V
or3.3V,connectUVINdirectlytoViN.To
programtheViN startthreshold,useapair
ofexternalresistorsasshown.Ifexternal
resistorsareanorderofmagnitudesmaller
than internal resistors,then the ViN start
thresholdisgivenby:
ViN(start)=2.5•(R6+R7)/R7
Forexample,ifitisrequiredtohaveaViN
startthresholdof7V,thenletR7=5KΩand
usingtheViN startthresholdequationweget
R6=9.09KΩ.
Thermal and Short-Circuit Protection
BecausetheSP7661isdesignedtodrive
largeoutputcurrent,thereisachancethat
the power converter will become too hot.
Therefore, an internal thermal shutdown
(145°C)hasbeenincludedtopreventthe
IC from malfunctioning at extreme tem-
peratures.
A short-circuit detection comparator has
alsobeenincludedintheSP7661toprotect
againstanaccidentalshortattheoutputof
thepowerconverter.Thiscomparatorcon-
stantlymonitorsthepositiveandnegative
terminalsoftheerroramplifier,andiftheVfB
pinfallsmorethan250mV(typical)below
thepositivereference,ashort-circuitfault
is set. Because the SS pin overrides the
internal0.8Vreferenceduringsoftstart,the
SP7661iscapableofdetectingshort-circuit
faultsthroughoutthedurationofsoftstartas
wellasinregularoperation.
Over-Current Protection
The Over-current protection feature can
onlybeusedonoutputvoltages≤3.3volts.
It is limited by the common mode rating
of the op-amp used to sense the voltage
across the inductor. Over-current is de-
tectedbymonitoringadifferentialvoltage
acrosstheoutputinductorasshowninthe
nextfigure.
ISN
SP7661
SWN
ISP
VOUT
L=2.7uH,DCR=4.1mΩ
R3
5.11KΩ
R4
5.11KΩ
CS
0.1uF
CSP
6.8nF
Over-current detection circuit
Inputs to an over-current detection com-
parator,settotriggerat60mVnominal,are
connectedtotheinductorasshown.Since
the average voltage sensed by the com-
paratorisequaltotheproductofinductor
currentandinductorDCresistance(DCR),
thenIMAx=60mV/DCR.Solvingthisequa-
tionforthespecificinductorincircuit1,IMAx
=14.6A.WhenIMAxisreached,a220ms
time-outisinitiated,duringwhichtopand
bottomdriversareturnedoff.Followingthe
time-out,arestartisattempted.Ifthefault
conditionpersists,thenthetime-outisre-
peated(referredtoashiccup).
Increasing the Current Limit
IfitisdesiredtosetIMAx>{60mV/DCR}(in
thiscaselargerthan14.6A),thenaresistor
R9 shouldbeaddedasshowninthenext
figure.R9formsaresistordividerandre-
ducesthevoltageseenbythecomparator.
Since:60mV
(IMAx •DCR)
R9 = {R3+R4+R9}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com