Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7661
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP7661_07 Datasheet HTML 2Page - Sipex Corporation SP7661_07 Datasheet HTML 3Page - Sipex Corporation SP7661_07 Datasheet HTML 4Page - Sipex Corporation SP7661_07 Datasheet HTML 5Page - Sipex Corporation SP7661_07 Datasheet HTML 6Page - Sipex Corporation SP7661_07 Datasheet HTML 7Page - Sipex Corporation SP7661_07 Datasheet HTML 8Page - Sipex Corporation SP7661_07 Datasheet HTML 9Page - Sipex Corporation SP7661_07 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Mar -07 Rev N
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2007 Sipex Corporation
THEORY OF OPERATION
General Overview
The SP7661 is a fixed frequency, volt-
age mode, synchronous PWM regulator
optimizedforhighefficiency.Theparthas
beenspecificallydesignedforsinglesupply
operationfroma5Vto22Vinput.
TheheartoftheSP7661isawidebandwidth
transconductanceamplifierdesignedtoac-
commodateTypeIIandTypeIIIcompensa-
tionschemes.Aprecision0.8Vreference,
presentonthepositiveterminaloftheerror
amplifier, permits the programming of the
output voltage down to 0.8V via the VFB
pin.Theoutputoftheerroramplifier,COMP,
iscomparedtoa1.1Vpeak-to-peakramp,
whichisresponsiblefortrailingedgePWM
control.ThisvoltagerampandPWMcontrol
logicaregovernedbytheinternaloscillator
thataccuratelysetsthePWMfrequencyto
600kHz.
The SP7661 contains two unique control
featuresthatareverypowerfulindistributed
applications.First,nonsynchronousdriver
controlisenabledduringstartup,toprohibit
thelowsideswitchfrompullingdownthe
output until the high side switch has at-
temptedtoturnon.Second,a100%duty
cycletimeoutensuresthatthelowsideswitch
is periodically enhanced during extended
periodsat100%dutycycle.Thisguaran-
tees the synchronized refreshing of the
BSTcapacitorduringverylargedutyratios.
TheSP7661alsocontainsanumberofvalu-
ableprotectionfeatures.ProgrammableVIN
UVLOallowstheusertosettheexactvalue
atwhichtheconversionvoltagecansafely
begindown-conversion,andaninternalVCC
UVLOwhichensuresthatthecontrolleritself
has enough voltage to properly operate.
Other protection features include thermal
shutdownandshort-circuitdetection.Inthe
eventthateitherathermal,short-circuit,or
UVLOfaultisdetected,theSP7661isforced
intoanidlestatewheretheoutputdrivers
areheldoffforafiniteperiodbeforearestart
isattempted.
Soft Start
“SoftStart”isachievedwhenapowercon-
verter ramps up the output voltage while
controllingthemagnitudeoftheinputsup-
plysourcecurrent.Inamodernstepdown
converter,rampingupthepositiveterminal
oftheerroramplifiercontrolssoftstart.Asa
result,excesssourcecurrentcanbedefined
asthecurrentrequiredtochargetheoutput
capacitor.
IViN = COut•(∆VOut/∆TSOft-StArt)
TheSP7661providestheuserwiththeop-
tiontoprogramthesoftstartratebytying
acapacitorfromtheSSpintoGND.The
selectionofthiscapacitorisbasedonthe
10µApullupcurrentpresentattheSSpin
andthe0.8Vreferencevoltage.Therefore,
theexcesssourcecanberedefinedas:
IViN = COut •
[∆VOut•10µA/(CSS•0.8V)]
Under Voltage Lock Out (UVLO)
TheSP7661hastwoseparateUVLOcom-
paratorstomonitorthebias(Vcc)andInput
(ViN)voltagesindependently.TheVccUVLO
isinternallysetto4.25V.TheViNUVLOis
programmable through UViN pin. When
UVINpinisgreaterthan2.5VtheSP7661
ispermittedtostartuppendingtheremoval
ofallotherfaults.Apairofinternalresistors
isconnectedtoUVINasshowninthefigure
below.
SP7661
R6
R7
+
-
140KΩ
50KΩ
2.5V ON
2.2V OFF
GND
UVIN
VIN
Internal and external bias of UVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com