Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP7661
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP7661_07 Datasheet HTML 5Page - Sipex Corporation SP7661_07 Datasheet HTML 6Page - Sipex Corporation SP7661_07 Datasheet HTML 7Page - Sipex Corporation SP7661_07 Datasheet HTML 8Page - Sipex Corporation SP7661_07 Datasheet HTML 9Page - Sipex Corporation SP7661_07 Datasheet HTML 10Page - Sipex Corporation SP7661_07 Datasheet HTML 11Page - Sipex Corporation SP7661_07 Datasheet HTML 12Page - Sipex Corporation SP7661_07 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Mar -07 Rev N
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2007 Sipex Corporation
Error Amplifier and Voltage Loop
TheheartoftheSP7661voltageerrorloop
is a high performance, wide bandwidth
transconductance amplifier. Because of
theamplifier’scurrentlimited(+/-150µA)
transconductance,therearemanywaysto
compensatethevoltagelooportocontrolthe
COMPpinexternally.Ifasimple,single-pole,
single-zeroresponseisdesired,thencom-
pensationcanbeassimpleasanRCcircuit
toGround.Ifamorecomplexcompensation
isrequired,thentheamplifierhasenough
bandwidth(45°at4MHz),andenoughgain
(60dB)torunTypeIIIcompensationschemes
withadequategainandphasemarginsat
crossoverfrequenciesgreaterthan50kHz.
Thecommonmodeoutputoftheerroram-
plifieris0.9Vto2.2V.Therefore,thePWM
voltageramphasbeensetbetween1.1Vand
2.2Vtoensureproper0%to100%dutycycle
capability. The voltage loop also includes
twootherveryimportantfeatures.Oneisa
nonsynchronousstartupmode.Basically,the
synchronousrectifiercannotturnonunless
thehighsideswitchhasattemptedtoturn
onortheSSpinhasexceeded1.7V.This
featurepreventsthecontrollerfrom“dragging
down”theoutputvoltageduringstartupor
infaultmodes.
GH
Voltage
GL
Voltage
V(VIN)
0V
-0V
-V(Diode) V
V(VIN)+V(VCC)
BST
Voltage
V(VCC)
TIME
SWN
Voltage
VBST
VSWN
V(VCC)
Thesecondfeatureisa100%dutycycle
timeoutthatensuressynchronizedrefresh-
ingoftheBSTcapacitoratveryhighduty
ratios.IntheeventthatthehighsideNFET
isonfor20continuousclockcycles,areset
isgiventothePWMflipflophalfwaythrough
the21stcycle.ThisforcesGLtoriseforthe
cycle,inturnrefreshingtheBSTcapacitor.
Theboostcapacitorisusedtogeneratea
highvoltagedrivesupplyforthehighside
switch,whichisVccaboveViN.
Power MOSFETs
TheSP7661containsapairofintegratedlow
resistanceN-channelswitchesdesignedto
driveupto3Aofoutputcurrent.Careshould
betakentode-ratetheoutputcurrentbased
onthethermalconditionsinthesystemsuch
as ambient temperature, airflow and heat
sinking.Maximumoutputcurrentcouldbe
limitedbythermallimitationsofaparticular
applicationbytakingadvantageoftheinte-
grated-over-temperatureprotectivescheme
employedintheSP7661.TheSP7661incor-
poratesabuilt-inovertemperature protection
topreventinternaloverheating.
Setting Output Voltages
TheSP7661canbesettodifferentoutput
voltages.Therelationshipinthefollowing
formulaisbasedonavoltagedividerfrom
theoutputtothefeedbackpinVfB,whichis
settoaninternalreferencevoltageof0.80V.
Standard1%metalfilmresistorsofsurface
mountsize0603arerecommended.
VOut=0.80V
[R1/R2+1] =>
R2=R1/
[ (VOut/0.80V)–1]
WhereR1=10KΩandforVOut=0.80V
setting,simplyremoveR2fromtheboard.
Furthermore,onecouldselectthevalueof
theR1andR2combinationtomeettheexact
outputvoltagesettingbyrestrictingtheR1
resistance range such that 10KΩ < R1 <
100KΩforoverallsystemloopstability.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com