Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7661
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7661_07 Datasheet HTML 1Page - Sipex Corporation SP7661_07 Datasheet HTML 2Page - Sipex Corporation SP7661_07 Datasheet HTML 3Page - Sipex Corporation SP7661_07 Datasheet HTML 4Page - Sipex Corporation SP7661_07 Datasheet HTML 5Page - Sipex Corporation SP7661_07 Datasheet HTML 6Page - Sipex Corporation SP7661_07 Datasheet HTML 7Page - Sipex Corporation SP7661_07 Datasheet HTML 8Page - Sipex Corporation SP7661_07 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image

Mar -07 Rev N
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2007 Sipex Corporation
SP7661
FEATURES
■ 4.75Vto22VInputVoltageRangeusingSingleSupply
■ 3Vto22VInputVoltageRangeusingDualSupply
■ ±1%0.8VReference
■ 3AOutputCapability
■ CurrentLimitingusingInductorDCR
■ BuiltinLowRDS(ON) PowerSwitches
■ 600kHzFixedFrequencyOperation
■ OverTemperatureProtection
■ ShortCircuitProtectionwithAuto-Restart
■ WideBWAmpAllowsTypeIIorIIICompensation
■ ProgrammableSoftStart
■ FastTransientResponse
■ HighEfficiency:Greaterthan
93%Possible
■ NonsynchronousStart-UpintoaPre-ChargedOutput
■ AvailableinRoHSCompliant,LeadFreePackaging:
Small7mmx4mmDFN
■ U.S.Patent#6,922,041
Wide Input Voltage Range
3A, 600kHz, Buck Regulator
TheSP7661isasynchronousstep-downswitchingregulatoroptimizedforhighefficiency.Thepartisdesigned
forusewithasingle4.75Vto22Vsinglesupplyor3Vto22VinputifanexternalVccisprovided.TheSP7661
providesafullyintegratedbuckregulatorsolutionusingafixed600kHzfrequency,PWMvoltagemodearchitecture.
ProtectionfeaturesincludeUVLO,thermalshutdown,outputcurrentlimitandshortcircuitprotection.TheSP7661
isavailableinthespacesavingDFNpackage
.
TYPICAL APPLICATION CIRCUIT
DESCRIPTION
PowerBloxTM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect to VINP
PGND
PGND
GND
VFB
COMP
UVIN
SWN
VIN
LX
LX
LX
LX
VCC
BST
LX
LX
LX
DFN PACKAGE
7mm x 4mm (Option 2)
SP7661
PGND
VINP
SS
ISN
ISP
PGND
GND
GND
GND
Pin 27
Pin 28
Pin 29
ISP
ISN
ISN
LX
LX
ISP
NC
VFB
VFB
LX
12V (9.6V-22V)
SD101AWS
3.30V, 0-3A
GND
2

C5
100uF
VOUT
3

U1
SP7661
PGND

PGND
2
PGND
3
PGND
4
GND
5
VFB
6
COMP
7
SS
8
GND
9
ISN
0
ISP

SWN
2
VIN
3
LX 14
LX 15
LX 6
BST
7
VIN 18
GND 19
GND 20
UVIN 2
VCC 22
LX 23
LX 24
LX 25
LX 26
CZ2
6800pF
Rs2
1Ohm
C9 6.8nF
CP 56pF
C
22uF
R
0k
CBST
22nF
Cs2
2.2nF
C2
22uF
CVCC
4.7uF
GND
4

RZ3
400
R3
5.11k
DBST
R9
61.9k
RZ2
4.02k
R2
3.16k
L1,Wurth-744311220
2.2uH,14mOhm,7x7mm,9A
VIN


CSS 47nF
R4
5.11k
CZ3
1500pF
C4 47nF
CF1
100pF


Similar Part No. - SP7661_07

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7661EB SIPEX-SP7661EB Datasheet
385Kb / 11P
Evaluation Board Manual
SP7661ER SIPEX-SP7661ER Datasheet
385Kb / 11P
Evaluation Board Manual
SP7661 SIPEX-SP7661_1 Datasheet
385Kb / 11P
Evaluation Board Manual
More results

Similar Description - SP7661_07

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7650 SIPEX-SP7650 Datasheet
121Kb / 12P
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7652 SIPEX-SP7652 Datasheet
133Kb / 13P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7661 SIPEX-SP7661 Datasheet
1,004Kb / 20P
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7652 SIPEX-SP7652_06 Datasheet
1Mb / 16P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7663 SIPEX-SP7663_07 Datasheet
1Mb / 19P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com