Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7661
Description  Wide Input Voltage Range 3A, 600kHz, Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7661_07 Datasheet HTML 1Page - Sipex Corporation SP7661_07 Datasheet HTML 2Page - Sipex Corporation SP7661_07 Datasheet HTML 3Page - Sipex Corporation SP7661_07 Datasheet HTML 4Page - Sipex Corporation SP7661_07 Datasheet HTML 5Page - Sipex Corporation SP7661_07 Datasheet HTML 6Page - Sipex Corporation SP7661_07 Datasheet HTML 7Page - Sipex Corporation SP7661_07 Datasheet HTML 8Page - Sipex Corporation SP7661_07 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Mar -07 Rev N
SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator
© 2007 Sipex Corporation
ELECTRICAL SPECIFICATIONS
SpecificationsareforTAMB =TJ =25°C,andthosedenotedby♦applyoverthefulloperatingrange,-40°C<Tj<125°C.Unless
otherwisespecified:4.5V<Vcc<5.5V,3V<ViN<22V,BST=LX+5V,UVIN=3V,CVCC=1µF,CCOMP=0.1µF,Css=50nF.
VCC...................................................................................................7V
ViN.................................................................................................25V
BST................................................................................................ 30V
LX-BST...............................................................................-0.3Vto7V
LX........................................................................................-V to 30V
Allotherpins..........................................................-0.3VtoVCC +0.3V
StorageTemperature................................................... -65°Cto150°C
PowerDissipation........................................InternallyLimitedviaOTP
LeadTemperature(Soldering,10sec).......................................300°C
ESDRating........................................................................... 2kV HBM
ThermalResistanceθJC........................................................... 5°C/W
ABSOLUTE MAXIMUM RATINGS
Thesearestressratingsonlyandfunctionaloperationofthedeviceattheseratingsoranyotherabovethoseindicatedintheoperationsections
ofthespecificationsbelowisnotimplied.Exposuretoabsolutemaximumratingconditionsforextendedperiodsoftimemayaffectreliability.
PARAMETER
MIN TYP MAX UNITS
CONDITIONS
QUIESCENT CURRENT
ViNSupplyCurrent
(Noswitching)
1.5
3.0
mA
VfB=0.9V
ViNSupplyCurrent
(switching)
8
14
mA
BSTSupplyCurrent
(Noswitching)
0.2
0.4
mA
VfB=0.9V
BSTSupplyCurrent
(switching)
3
6
mA
PROTECTION: UVLO
VccUVLOStartThreshold 4.00 4.25
4.50
V
VccUVLOHysteresis
00
200
300
mV
UVINStartThreshold
2.30 2.50
2.65
V
UVINHysteresis
200
300
400
mV
UVINInputCurrent
1.0
µA
UVIN=3.0V
ERROR AMPLIFIER REFERENCE
ErrorAmplifierReference 0.792 0.800 0.808
V
2XGainConfig.,Measure
VfB;Vcc=5V
ErrorAmplifier
ReferenceOverLine
0.784 0.800 0.816
V
COMPSinkCurrent
70
150
230
µA
VfB=0.9V,COMP=0.9V
COMPSourceCurrent
-230 -150
-70
µA
VfB=0.9V,COMP=0.9V
VfBInputBiasCurrent
50
200
nA
VfB=0.8V
COMPClamp
3.2
3.5
3.8
V
VfB=0.7V,TA=25
°C
COMPClampTemp.
Coefficient
-2.0
mV/
°C
VCC LINEAR REGULATOR
VCCOutputVoltage
4.7
5.0
5.3
V
♦ V
iN
= 6 to 23V,
ILOAD=0mAto30mA
4.51
4.73
♦ ViN=5V,20mA
DropoutVoltage
250
500
750
mV
Vin-Vout=Dropoutvoltagewhen
Vccregulateddropsby2%.
IVCC=30mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com