Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1117HM3 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX1117HM3
Description  800mA Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117HM3 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX1117HM3 Datasheet HTML 3Page - Sipex Corporation SPX1117HM3 Datasheet HTML 4Page - Sipex Corporation SPX1117HM3 Datasheet HTML 5Page - Sipex Corporation SPX1117HM3 Datasheet HTML 6Page - Sipex Corporation SPX1117HM3 Datasheet HTML 7Page - Sipex Corporation SPX1117HM3 Datasheet HTML 8Page - Sipex Corporation SPX1117HM3 Datasheet HTML 9Page - Sipex Corporation SPX1117HM3 Datasheet HTML 10Page - Sipex Corporation SPX1117HM3 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation
Thermal Characteristics
The thermal resistance of SPX1117 (SOT-223
Package) is 15
°C/W from junction to tab and 31
°C/W from tab to ambient for a total of 46 °C/W
from junction to ambient (Table 1). The SPX1117
features the internal thermal limiting to protect
the device during overload conditions. Special
care needs to be taken during continuous load
conditions such that the maximum junction tem-
perature does not exceed 125
°C. Thermal pro-
tection is activated at >155
°C and deactiviated
at <140
°C.
Taking the FR-4 printed circuit board and 1/16
thick with 1 ounce copper foil as an experiment
(fig.13), the PCB material is effective at trans-
mitting heat with the tab attached to the pad area
and a ground plane layer on the backside of the
substrate. Refer to table 1 for the results of the
experiment.
The thermal interaction from other components
in the application can effect the thermal resis-
tance of the SPX1117.
The actual thermal
resistance can be determined with experimenta-
tion.
SPX1117 power dissipation is calculated as
follows:
P
D = (VIN - VOUT)(IOUT)
Maximum Junction Temperature range:
T
J = TA(max) + PD* thermal resistance
(junction-to-ambient)
Maximum junction temperature must not ex-
ceed the 125
°C.
Ripple Rejection
Ripple rejection can be improved by adding a
capacitor between the ADJ pin and ground as
shown in Figure 23. When ADJ pin bypassing
is used, the value of the output capacitor re-
quired increases to its maximum. If the ADJ pin
is not bypassed, the value of the output capacitor
can be lowered to 10
µF for an electrolytic alu-
minum capacitor or 2.2
µF for a ceramic or solid
tantalum capacitor (Fig 22).
However the value of the ADJ-bypass capacitor
should be chosen with respect to the following
equation:
C = 1 / ( 6.28 * F
R * R1 )
Where
C = value of the capacitor in Farads
(select an equal or larger standard value),
F
R = ripple frequency in Hz,
R
1 = value of resistor R1 in Ohms.
If an ADJ-bypass capacitor is used, the ampli-
tude of the output ripple will be independent of
the output voltage. If an ADJ-bypass capacitor
is not used, the output ripple will be proportional
to the ratio of the output voltage to the reference
voltage:
M = V
OUT / VREF
Where M = multiplier for the ripple seen when
the ADJ pin is optimally bypassed.
V
REF =1.25V
Ripple rejection for the adjustable version is
shown in Figure 20.
Figure 19. Substrate Layout for SOT-223
50 X 50mm
35 X 17mm
16 X 10mm
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
Frequency, Hz
Figure 20. Ripple Rejection; Vin=3.3V, Vout=1.8V
(adj.), Iload=200mA
APPLICATION INFORMATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com