Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1117HM3 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SPX1117HM3
Description  800mA Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117HM3 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SPX1117HM3 Datasheet HTML 8Page - Sipex Corporation SPX1117HM3 Datasheet HTML 9Page - Sipex Corporation SPX1117HM3 Datasheet HTML 10Page - Sipex Corporation SPX1117HM3 Datasheet HTML 11Page - Sipex Corporation SPX1117HM3 Datasheet HTML 12Page - Sipex Corporation SPX1117HM3 Datasheet HTML 13Page - Sipex Corporation SPX1117HM3 Datasheet HTML 14Page - Sipex Corporation SPX1117HM3 Datasheet HTML 15Page - Sipex Corporation SPX1117HM3 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation
Ordering Information
Part Number
Status RoHS
Package
Pack Type
Quantity
SPX1117HM3/TR
Active
No
SOT-223-3
Tape & Reel
2500
SPX1117HM3-L/TR
Active
Yes
SOT-223-3
Tape & Reel
2500
SPX1117HM3-L-1-8/TR
Active
Yes
SOT-223-3
Tape & Reel
2500
SPX1117M3
Active
No
SOT-223-3
TUBE
78
SPX1117M3/TR
Active
No
SOT-223-3
Tape & Reel
2500
SPX1117M3-1-5/TR
Active
No
SOT-223-3
Tape & Reel
2500
SPX1117M3-1-8/TR
Active
No
SOT-223-3
Tape & Reel
2500
SPX1117M3-2-5/TR
Active
No
SOT-223-3
Tape & Reel
2500
SPX1117M3-2-85
Active
No
SOT-223-3
TUBE
78
SPX1117M3-3-0/TR
Active
No
SOT-223-3
Tape & Reel
2500
SPX1117M3-3-3/TR
Active
No
SOT-223-3
Tape & Reel
2500
SPX1117M3-5-0/TR
Active
No
SOT-223-3
Tape & Reel
2500
SPX1117M3-L
Active
Yes
SOT-223-3
TUBE
78
SPX1117M3-L/TR
Active
Yes
SOT-223-3
Tape & Reel
2500
SPX1117M3-L-1-5
Active
Yes
SOT-223-3
TUBE
78
SPX1117M3-L-1-5/TR
Active
No
SOT-223-3
Tape & Reel
2500
SPX1117M3-L-1-8/TR
Active
Yes
SOT-223-3
Tape & Reel
2500
SPX1117M3-L-2-5/TR
Active
Yes
SOT-223-3
Tape & Reel
2500
SPX1117M3-L-2-85/TR
Active
Yes
SOT-223-3
Tape & Reel
2500
SPX1117M3-L-3-0
Active
Yes
SOT-223-3
TUBE
78
SPX1117M3-L-3-0/TR
Active
Yes
SOT-223-3
Tape & Reel
2500
SPX1117M3-L-3-3/TR
Active
Yes
SOT-223-3
Tape & Reel
2500
SPX1117M3-L-5-0/TR
Active
Yes
SOT-223-3
Tape & Reel
2500
SPX1117R
Active
No
TO-252-3
TUBE
77
SPX1117R/TR
Active
No
TO-252-3
Tape & Reel
2000
SPX1117R-1-5
Active
No
TO-252-3
TUBE
77
SPX1117R-1-5/TR
Active
No
TO-252-3
Tape & Reel
2000
SPX1117R-1-8
Active
No
TO-252-3
TUBE
77
SPX1117R-1-8/TR
Active
No
TO-252-3
Tape & Reel
2000
SPX1117R-2-5
Active
No
TO-252-3
TUBE
77
SPX1117R-2-5/TR
Active
No
TO-252-3
Tape & Reel
2000
SPX1117R-2-85
Active
No
TO-252-3
TUBE
77
SPX1117R-2-85/TR
Active
No
TO-252-3
Tape & Reel
2000
SPX1117R-3-0
Active
No
TO-252-3
TUBE
77
SPX1117R-3-0/TR
Active
No
TO-252-3
Tape & Reel
2000
SPX1117R-3-3
Active
No
TO-252-3
TUBE
77
SPX1117R-3-3/TR
Active
No
TO-252-3
Tape & Reel
2000
SPX1117R-L
Active
Yes
TO-252-3
TUBE
77
SPX1117R-L/TR
Active
Yes
TO-252-3
Tape & Reel
2000
SPX1117R-L-1-5
Active
Yes
TO-252-3
TUBE
77
SPX1117R-L-1-5/TR
Active
Yes
TO-252-3
Tape & Reel
2000
SPX1117R-L-1-8
Active
Yes
TO-252-3
TUBE
77
SPX1117R-L-1-8/TR
Active
Yes
TO-252-3
Tape & Reel
2000
SPX1117R-L-2-5
Active
Yes
TO-252-3
TUBE
77
SPX1117R-L-2-5/TR
Active
Yes
TO-252-3
Tape & Reel
2000
SPX1117R-L-2-85
Active
Yes
TO-252-3
TUBE
77
SPX1117R-L-2-85/TR
Active
Yes
TO-252-3
Tape & Reel
2000
SPX1117R-L-3-0
Active
Yes
TO-252-3
TUBE
77
SPX1117R-L-3-0/TR
Active
Yes
TO-252-3
Tape & Reel
2000
SPX1117R-L-3-3
Active
Yes
TO-252-3
TUBE
77
SPX1117R-L-3-3/TR
Active
Yes
TO-252-3
Tape & Reel
2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com