Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1117HM3 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX1117HM3
Description  800mA Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117HM3 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SPX1117HM3 Datasheet HTML 5Page - Sipex Corporation SPX1117HM3 Datasheet HTML 6Page - Sipex Corporation SPX1117HM3 Datasheet HTML 7Page - Sipex Corporation SPX1117HM3 Datasheet HTML 8Page - Sipex Corporation SPX1117HM3 Datasheet HTML 9Page - Sipex Corporation SPX1117HM3 Datasheet HTML 10Page - Sipex Corporation SPX1117HM3 Datasheet HTML 11Page - Sipex Corporation SPX1117HM3 Datasheet HTML 12Page - Sipex Corporation SPX1117HM3 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation
Figure 24. 5V Regulator with Shutdown
SPX1117
V
IN
R
1
R
2
10µF
10µF*
1kΩ,
330Ω
1%
+
+
4.7µF
C
1
*C
1
improves ripple rejection.
Z
C
should be ~ R1 at ripple frequency
5V
ADJ
IN
OUT
(Note A)
V
OUT
Note A: V
IN(MIN) = (Intended VOUT
) + (V DROPOUT (MAX))
1%
1kΩ
SPX1117
10µF
1%
330W
1%
+
+
4.7µF
5V
ADJ
IN
OUT
(Note A)
1K
1k
TTL
Input
2N3904
DROPOUT (MAX)
Note A: V
IN(MIN)
= (Intended V
OUT
) + (V
)
V
IN
Figure 25. Recommended Connections for Best Results
Figure 23. Improving Ripple Rejection
SPX1117
R 2
R 1
Connect R
2
to Load
R L
Connect R to
Case of Regulator
RP Parasitic Line
Resistance
ADJ
VOUT
VIN
APPLICATION INFORMATION: Continued
PINOUTS
1
3
2
SOT-223 (M3)
Top View
TO-263-3 (T)
1
2
3
Front View
TO-220-3 (U)
1
2
3
Front View
TO-252 (R)
ADJ/GND
V
OUT
1
2
3
V
IN
ADJ/GND
V
OUT
V
IN
ADJ/GND
V
OUT
V
IN
ADJ/GND
V
OUT
V
IN
Top View
Note: For all Pinouts, TAB is connected to Pin2 VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com