Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1117HM3 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SPX1117HM3
Description  800mA Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117HM3 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SPX1117HM3 Datasheet HTML 8Page - Sipex Corporation SPX1117HM3 Datasheet HTML 9Page - Sipex Corporation SPX1117HM3 Datasheet HTML 10Page - Sipex Corporation SPX1117HM3 Datasheet HTML 11Page - Sipex Corporation SPX1117HM3 Datasheet HTML 12Page - Sipex Corporation SPX1117HM3 Datasheet HTML 13Page - Sipex Corporation SPX1117HM3 Datasheet HTML 14Page - Sipex Corporation SPX1117HM3 Datasheet HTML 15Page - Sipex Corporation SPX1117HM3 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Ordering Information
Part Number
Status RoHS
Package
Pack Type
Quantity
SPX1117HM3-1-5
CF
No
SOT-223-3
TUBE
78
SPX1117HM3-2-5
CF
No
SOT-223-3
TUBE
78
SPX1117HM3-3-3
CF
No
SOT-223-3
TUBE
78
SPX1117HM3-5-0
CF
No
SOT-223-3
TUBE
78
SPX1117HM3-L
CF
Yes
SOT-223-3
TUBE
78
SPX1117HM3-L-1-5
CF
Yes
SOT-223-3
TUBE
78
SPX1117HM3-L-1-5/TR
CF
Yes
SOT-223-3
Tape & Reel
2500
SPX1117HM3-L-1-8
CF
Yes
SOT-223-3
TUBE
78
SPX1117HM3-L-2-5
CF
Yes
SOT-223-3
TUBE
78
SPX1117HM3-L-2-5/TR
CF
Yes
SOT-223-3
Tape & Reel
2500
SPX1117HM3-L-2-85
CF
Yes
SOT-223-3
TUBE
78
SPX1117HM3-L-2-85/TR
CF
Yes
SOT-223-3
Tape & Reel
2500
SPX1117HM3-L-3-0
CF
Yes
SOT-223-3
TUBE
78
SPX1117HM3-L-3-0/TR
CF
Yes
SOT-223-3
Tape & Reel
2500
SPX1117HM3-L-3-3
CF
Yes
SOT-223-3
TUBE
78
SPX1117HM3-L-3-3/TR
CF
Yes
SOT-223-3
Tape & Reel
2500
SPX1117HM3-L-5-0
CF
Yes
SOT-223-3
TUBE
78
SPX1117HM3-L-5-0/TR
CF
Yes
SOT-223-3
Tape & Reel
2500
SPX1117M3-1-5
CF_
No
SOT-223-3
TUBE
78
SPX1117M3-1-8
CF_
No
SOT-223-3
TUBE
78
SPX1117M3-2-5
CF_
No
SOT-223-3
TUBE
78
SPX1117M3-3-0
CF_
No
SOT-223-3
TUBE
78
SPX1117M3-3-3
CF_
No
SOT-223-3
TUBE
78
SPX1117M3-5-0
CF_
No
SOT-223-3
TUBE
78
SPX1117M3-L-1-8
CF_
Yes
SOT-223-3
TUBE
78
SPX1117M3-L-2-5
CF_
Yes
SOT-223-3
TUBE
78
SPX1117M3-L-2-85
CF_
Yes
SOT-223-3
TUBE
78
SPX1117M3-L-3-3
CF_
Yes
SOT-223-3
TUBE
78
SPX1117M3-L-5-0
CF_
Yes
SOT-223-3
TUBE
78
SPX1117HM3-1-5/TR
OBS
No
SOT-223-3
Tape & Reel
2500
SPX1117HM3-1-8
OBS
No
SOT-223-3
TUBE
78
SPX1117HM3-1-8/TR
OBS
No
SOT-223-3
Tape & Reel
2500
SPX1117HM3-2-5/TR
OBS
No
SOT-223-3
Tape & Reel
2500
SPX1117HM3-2-85
OBS
No
SOT-223-3
TUBE
78
SPX1117HM3-2-85/TR
OBS
No
SOT-223-3
Tape & Reel
2500
SPX1117HM3-3-0
OBS
No
SOT-223-3
TUBE
78
SPX1117HM3-3-0/TR
OBS
No
SOT-223-3
Tape & Reel
2500
SPX1117HM3-3-3/TR
OBS
No
SOT-223-3
Tape & Reel
2500
SPX1117HM3-5-0/TR
OBS
No
SOT-223-3
Tape & Reel
2500
Solved by
TM
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Sipex Application Notes:
http://www.sipex.com/applicationNotes.aspx
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
tel: (408) 934-7500
fax: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described
herein. Sipex does not assume any liability arising out of the application or use of any
product or circuit described herein; neither does it convey any license under its patent
rights nor the rights of others.
16
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com