Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1117HM3 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1117HM3
Description  800mA Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117HM3 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1117HM3 Datasheet HTML 1Page - Sipex Corporation SPX1117HM3 Datasheet HTML 2Page - Sipex Corporation SPX1117HM3 Datasheet HTML 3Page - Sipex Corporation SPX1117HM3 Datasheet HTML 4Page - Sipex Corporation SPX1117HM3 Datasheet HTML 5Page - Sipex Corporation SPX1117HM3 Datasheet HTML 6Page - Sipex Corporation SPX1117HM3 Datasheet HTML 7Page - Sipex Corporation SPX1117HM3 Datasheet HTML 8Page - Sipex Corporation SPX1117HM3 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation
*Note 1 - For fixed option, V
INMIN = VOUT + 1.5V
- For adjustable option, V
INMIN = VIN - VOUT = 1.4V
*Note 2 - Dropout voltage is the input voltage minus output voltage that produces a 1% decrease in output voltage with respect
to the nominal output voltage at V
IN = VOUT + 1.5V
ELECTRICAL CHARACTERISTICS
T
A = 25°C, CIN = COUT = 10µF, unless otherwise specified. The Boldface applies over the full operating temperature range.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Adjust Pin Current
50
120
µA
Current Limit
(V
IN-VOUT)=5V
1.0
1.5
2.0
A
Thermal Regulation
25
°C, 30mS pulse
0.01
0.1
%/W
Ripple Rejection
f
RIPPLE=120Hz, (VIN-VOUT)=2V,
60
75
dB
V
RIPPLE=1VPP
Long Term Stability
125
°C, 1000Hrs
0.03
%
RMS Output Noise
% of V
OUT, 10Hz≤f≤10kHz
0.003
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com