Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41886 Datasheet(PDF) 1 Page - EPCOS

Part # B41886
Description  Single-Ended Capacitors Lowest Impedance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41886 Datasheet(HTML) 1 Page - EPCOS

  B41886 Datasheet HTML 1Page - EPCOS B41886 Datasheet HTML 2Page - EPCOS B41886 Datasheet HTML 3Page - EPCOS B41886 Datasheet HTML 4Page - EPCOS B41886 Datasheet HTML 5Page - EPCOS B41886 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
433 10/02
Long-life grade capacitors
for professional applications
Applications
I For use in output circuits of switch-mode
power supplies of compact design
I For professional industrial electronics,
telecommunications and data processing equipment
Features
I Lowest impedance at high frequency
I Lowest equivalent series resistance ESR
I High ripple current capability
Construction
I Radial leads
I Charge-discharge proof, polar
I Aluminum case with insulating sleeve
I Minus pole marking on the insulating sleeve
I Case with safety vent
I Stand off rubber seal
Delivery mode
Special terminal configurations and packing:
I Bulk
I Taped, Ammo pack
I Cut
I Kinked
Refer to page 503 for further details and ordering example.
KAL0707-F
B41886
Single-Ended Capacitors
Lowest Impedance – 105 °C
B41886


Similar Part No. - B41886

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41887 TDK-B41887 Datasheet
486Kb / 27P
Aluminum electrolytic capacitors Single-ended capacitors
B41887A4158M000 TDK-B41887A4158M000 Datasheet
62Kb / 2P
Single Ended (Radial) Capacitors
B41887A4158M001 TDK-B41887A4158M001 Datasheet
62Kb / 2P
Single Ended (Radial) Capacitors
B41887A4158M002 TDK-B41887A4158M002 Datasheet
62Kb / 2P
Single Ended (Radial) Capacitors
B41887A4158M004 TDK-B41887A4158M004 Datasheet
62Kb / 2P
Single Ended (Radial) Capacitors
More results

Similar Description - B41886

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
Single-ended capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
Single-ended capacitors
B41856 EPCOS-B41856 Datasheet
97Kb / 8P
Single-Ended Capacitors Low Impedance
B41859 EPCOS-B41859 Datasheet
93Kb / 7P
Single-Ended Capacitors Very Low Impedance
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
Single-Ended Capacitors
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
Single-ended capacitors
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com