Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41886 Datasheet(PDF) 4 Page - EPCOS

Part # B41886
Description  Single-Ended Capacitors Lowest Impedance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41886 Datasheet(HTML) 4 Page - EPCOS

  B41886 Datasheet HTML 1Page - EPCOS B41886 Datasheet HTML 2Page - EPCOS B41886 Datasheet HTML 3Page - EPCOS B41886 Datasheet HTML 4Page - EPCOS B41886 Datasheet HTML 5Page - EPCOS B41886 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
436 10/02
B41886
Lowest Impedance – 105 °C
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.
Technical data and ordering codes
UR
VDC
CR
120 Hz
20 °C
µF
Case
dimensions
d
× l
mm
IL, max
5 min
20 °C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
Zmax
100 kHz
20
°C
I~R
100 kHz
105
°C
mA
Ordering code1)
6,3
470
8
× 11
30
0,22
0,78
0,130
550
B41886A2477M00*
680
8
× 11
43
0,22
0,54
0,110
660
B41886A2687M00*
1 000
10
× 16
63
0,22
0,36
0,048
930
B41886A2108M00*
1 500
10
× 20
95
0,22
0,24
0,028
1 440
B41886A2158M00*
2 200
12,5
× 25
139
0,24
0,18
0,021
1 650
B41886A2228M00*
10
330
8
× 11
33
0,19
0,95
0,120
500
B41886A3337M00*
470
10
× 16
47
0,19
0,67
0,084
760
B41886A3477M00*
1 000
10
× 20
100
0,19
0,31
0,043
1 340
B41886A3108M00*
2 200
12,5
× 25
220
0,21
0,16
0,024
1 940
B41886A3228M00*
16
220
8
× 11
35
0,16
1,21
0,084
640
B41886A4227M00*
330
10
× 16
53
0,16
0,80
0,070
760
B41886A4337M00*
470
10
× 16
75
0,16
0,56
0,059
1 050
B41886A4477M00*
1 000
10
× 20
160
0,16
0,27
0,035
1 600
B41886A4108M00*
25
100
8
× 11
25
0,14
2,32
0,125
405
B41886A5107M00*
220
10
× 16
55
0,14
1,06
0,084
740
B41886A5227M00*
330
10
× 16
83
0,14
0,70
0,059
995
B41886A5337M00*
470
10
× 20
118
0,14
0,49
0,043
1 300
B41886A5477M00*
1 000
12,5
× 25
250
0,14
0,23
0,024
2 050
B41886A5108M00*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com