Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41886 Datasheet(PDF) 5 Page - EPCOS

Part # B41886
Description  Single-Ended Capacitors Lowest Impedance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41886 Datasheet(HTML) 5 Page - EPCOS

  B41886 Datasheet HTML 1Page - EPCOS B41886 Datasheet HTML 2Page - EPCOS B41886 Datasheet HTML 3Page - EPCOS B41886 Datasheet HTML 4Page - EPCOS B41886 Datasheet HTML 5Page - EPCOS B41886 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
437 10/02
B41886
Lowest Impedance – 105 °C
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
UR = 6,3 … 25 VDC
Frequency factor of permissible
ripple current
I~
versus frequency
f
Impedance Z
versus frequency
f
Typical behavior at 20 °C
110
40
0
0,5
1,0
50
60
90
70
80
100
˚C
T
A
B41886
Ι
R
~
Ι~
1,5
2,0
2,5
3,0
3,5
KAL0773-X
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
10
0
2
10
0,1
0,3
0,2
0,4
f
4
10
35
Hz 10
~
Ι
0,6
0,5
0,7
0,9
0,8
100 kHz
1,2
~
Ι
f
B41886
KAL0774-6
10 2
Z
Ω
Hz
f
KAL0775-E
10
_2
10
_1
10 0
10 1
10 3
10 4
10 5
10 6
470 µF/25 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com