Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41886 Datasheet(PDF) 2 Page - EPCOS

Part # B41886
Description  Single-Ended Capacitors Lowest Impedance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41886 Datasheet(HTML) 2 Page - EPCOS

  B41886 Datasheet HTML 1Page - EPCOS B41886 Datasheet HTML 2Page - EPCOS B41886 Datasheet HTML 3Page - EPCOS B41886 Datasheet HTML 4Page - EPCOS B41886 Datasheet HTML 5Page - EPCOS B41886 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
434 10/02
B41886
Lowest Impedance – 105 °C
Specifications and characteristics in brief
Rated voltage
UR
Surge voltage
US
6,3 … 25 VDC
1,15 ·
UR
Rated capacitance
CR
Capacitance tolerance
100 … 2 200
µF
± 20 %
M
Useful life
105 °C;
UR; I~R
> 4 000 h
Requirements:
∆C/C ≤ ± 40 % of initial value
tan
δ≤ 3 times initial specified limit
IL
≤ initial specified limit
Failure percentage:
≤ 1 %
Failure rate:
≤ 100 fit (≤ 100 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Voltage endurance test
105 °C;
UR
2 000 h
Post test requirements:
∆C/C ≤ ± 30 % of initial value
tan
δ≤ 2 times initial specified limit
IL
≤ initial specified limit
Vibration resistance
To IEC 68068-2-6, test Fc:
displacement amplitude 0,75 mm, frequency range 10 … 2 000 Hz,
acceleration max.10
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
40/105/56 (– 40 °C/+ 105 °C/56 days damp heat test)
Sectional specification
IEC 60384-4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com