Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41886 Datasheet(PDF) 3 Page - EPCOS

Part # B41886
Description  Single-Ended Capacitors Lowest Impedance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41886 Datasheet(HTML) 3 Page - EPCOS

  B41886 Datasheet HTML 1Page - EPCOS B41886 Datasheet HTML 2Page - EPCOS B41886 Datasheet HTML 3Page - EPCOS B41886 Datasheet HTML 4Page - EPCOS B41886 Datasheet HTML 5Page - EPCOS B41886 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
435 10/02
B41886
Lowest Impedance – 105 °C
Dimensional drawing
Dimensions and weights
Overview of available types
Other capacitance and voltage ratings are available upon request.
Dimensions (mm)
Approx. weight
g
d
× ld
max × lmax
a ± 0,5
b
8
× 11
8,5
× 12
3,5
0,60 ± 0,05
1,0
10
× 16
10,5
× 17
5,0
0,60 ± 0,05
1,9
10
× 20
10,5
× 22
5,0
0,60 ± 0,05
2,6
12,5
× 25
13
× 27
5,0
0,60 ± 0,05
4,5
UR (VDC)
6,3
101625
CR (µF)
Case dimensions
d
× l (mm)
100
8
× 11
220
8
× 11
10
× 16
330
8
× 11
10
× 16
10
× 16
470
8
× 11
10
× 16
10
× 16
10
× 20
680
8
× 11
1 000
10
× 16
10
× 20
10
× 20
12,5
× 25
1 500
10
× 20
2 200
12,5
× 25
12,5
× 25
KAL0812-M-E
d
d max.
15 min.
max.
5 min.
Minus pole
marking
+
-
Stand-off rubber seal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com