Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080B Datasheet(PDF) 18 Page - Microchip Technology

Part # SST25WF080B
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST25WF080B Datasheet HTML 14Page - Microchip Technology SST25WF080B Datasheet HTML 15Page - Microchip Technology SST25WF080B Datasheet HTML 16Page - Microchip Technology SST25WF080B Datasheet HTML 17Page - Microchip Technology SST25WF080B Datasheet HTML 18Page - Microchip Technology SST25WF080B Datasheet HTML 19Page - Microchip Technology SST25WF080B Datasheet HTML 20Page - Microchip Technology SST25WF080B Datasheet HTML 21Page - Microchip Technology SST25WF080B Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
SST25WF080B
DS20005164H-page 18
 2013-2022 Microchip Technology Inc. and its subsidiaries
5.12
Write STATUS Register (WRSR)
The Write STATUS Register instruction writes new val-
ues to the BP0, BP1, BP2, TB, and BPL bits of the STA-
TUS register. CE# must be driven low before the
command sequence of the WRSR instruction is entered
and driven high before the WRSR instruction is exe-
cuted. Poll the BUSY bit in the Software STATUS reg-
ister, or wait TWRSR, for the completion of the internal
self-timed Write STATUS Register cycle. See Figure 5-
12 for WREN and WRSR instruction sequences and Fig-
ure 6-11 for the WRSR flow chart.
Executing the Write STATUS Register instruction will
be ignored when WP# is low and BPL bit is set to ‘1’.
When the WP# is low, the BPL bit can only be set from
‘0’ to ‘1’ to lock-down the STATUS register, but cannot
be reset from ‘1’ to ‘0’. When WP# is high, the lock-
down function of the BPL bit is disabled and the BPL,
BP0, BP1,B P2, and TB bits in the STATUS register can
all be changed. As long as BPL bit is set to ‘0’ or WP#
pin is driven high (VIH) prior to the low-to-high transition
of the CE# pin at the end of the WRSR instruction, the
bits in the STATUS register can all be altered by the
WRSR instruction. In this case, a single WRSR instruction
can set the BPL bit to ‘1’ to lock down the STATUS reg-
ister as well as altering the BP0, BP1, BP2, and TB bits
at the same time. See Table 4-1 for a summary descrip-
tion of WP# and BPL functions.
FIGURE 5-12:
WRITE ENABLE (WREN) AND WRITE STATUS REGISTER (WRSR) SEQUENCE
MODE 3
High-Impedance
MODE 0
STATUS
Register In
7 6 5 4321 0
MSb
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
06
0 1 234 5 6 7
0 1 234 5 6 789 10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com