Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080B Datasheet(PDF) 15 Page - Microchip Technology

Part # SST25WF080B
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST25WF080B Datasheet HTML 11Page - Microchip Technology SST25WF080B Datasheet HTML 12Page - Microchip Technology SST25WF080B Datasheet HTML 13Page - Microchip Technology SST25WF080B Datasheet HTML 14Page - Microchip Technology SST25WF080B Datasheet HTML 15Page - Microchip Technology SST25WF080B Datasheet HTML 16Page - Microchip Technology SST25WF080B Datasheet HTML 17Page - Microchip Technology SST25WF080B Datasheet HTML 18Page - Microchip Technology SST25WF080B Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005164H-page 15
SST25WF080B
5.6
Sector Erase
The Sector Erase instruction clears all bits in the
selected 4-Kbyte sector to FFH. A Sector Erase
instruction applied to a protected memory area will be
ignored. Prior to any write operation, the Write Enable
(WREN) instruction must be executed. CE# must remain
active-low for the duration of any command sequence.
The Sector Erase instruction is initiated by executing
an 8-bit command, 20H or D7H, followed by address
bits [A23-A0]. Address bits [AMS-A12] (AMS = Most Sig-
nificant address) are used to determine the sector
address (SAX), remaining address bits can be VIL or VIH.
CE# must be driven high before the instruction is exe-
cuted. Poll the BUSY bit in the Software STATUS reg-
ister, or wait TSE, for the completion of the internal self-
timed Sector Erase cycle. See Figure 5-6 for the Sector
Erase sequence and Figure 6-9 for the flow chart.
FIGURE 5-6:
SECTOR ERASE SEQUENCE
5.7
64-Kbyte Block Erase
The 64-Kbyte Block Erase instruction clears all bits in
the selected 64-Kbyte block to FFH. Applying this
instruction to a protected memory area results in the
instruction being ignored. Prior to any Write operation, the
Write Enable (WREN) instruction must be executed. CE#
must remain active-low for the duration of any com-
mand sequence.
Initiate the 64-byte Block Erase instruction by execut-
ing an 8-bit command, D8H, followed by address bits
[A23-A0]. Address bits [AMS-A16] (AMS = Most Signifi-
cant Address) determine the block address (BAX),
remaining address bits can be VIL or VIH. CE# must be
driven high before executing the instruction. Poll the BUSY
bit in the software status register or wait TBE for the com-
pletion of the internal self-timed Block Erase cycle. See
Figure 5-7 for the 64-Kbyte Block Erase sequences
and Figure 6-9 for the flow chart.
FIGURE 5-7:
64-KBYTE BLOCK ERASE SEQUENCE
CE#
SO
SI
SCK
ADD.
0 1 234 5 6 78
ADD.
ADD.
20 or D7
High-Impedance
15 16
23 24
31
MODE 0
MODE 3
MSb
MSb
CE#
SO
SI
SCK
ADDR
0 1 234 5 6 78
ADDR
ADDR
D8
High-Impedance
15 16
23 24
31
MODE 0
MODE 3
MSb
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com