Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080B Datasheet(PDF) 10 Page - Microchip Technology

Part # SST25WF080B
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST25WF080B Datasheet HTML 6Page - Microchip Technology SST25WF080B Datasheet HTML 7Page - Microchip Technology SST25WF080B Datasheet HTML 8Page - Microchip Technology SST25WF080B Datasheet HTML 9Page - Microchip Technology SST25WF080B Datasheet HTML 10Page - Microchip Technology SST25WF080B Datasheet HTML 11Page - Microchip Technology SST25WF080B Datasheet HTML 12Page - Microchip Technology SST25WF080B Datasheet HTML 13Page - Microchip Technology SST25WF080B Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
SST25WF080B
DS20005164H-page 10
 2013-2022 Microchip Technology Inc. and its subsidiaries
High-Speed Read
Read Memory at Higher
Speed
0000 1011b (0BH)
3
1
1 to
40 MHz
Fast-Read
Dual-Output
Read Memory with Dual
Output
0011 1011b (3BH)
3
1(3)
1 to
(3)
Fast-Read
Dual I/O
Read Memory with Dual
Address Input and Data Output
1011 1011b (BBH)
3(3)
1(3)
1 to
(3)
4-Kbyte Sector
Erase(4)
Erase 4 Kbyte of memory
array
0010 0000b (20H)
1101 0111b (D7H)
30
0
64-Kbyte Block
Erase(5)
Erase 64-Kbyte block
of memory array
1101 1000b (D8H)
3
0
0
Chip Erase
Erase Full Memory Array
0110 0000b (60H)
or
1100 0111b (C7H)
00
0
Page Program
To program up to 256 bytes
0000 0010b (02H)
3
0
1 to 256
RDSR(6)
Read STATUS Register
0000 0101b (05H)
0
0
1 to
WRSR
Write STATUS Register
0000 0001b (01H)
0
0
1
WREN
Write Enable
0000 0110b (06H)
0
0
0
WRDI
Write Disable
0000 0100b (04H)
0
0
0
RDID(7, 8)
Read-ID
1010 1011b (ABH)
3
0
1 to
JEDEC-ID
JEDEC ID Read
1001 1111b (9FH)
0
0
4 to
DPD
Deep Power-Down Mode
1011 1001b (B9H)
0
0
0
RDPD(8)
Release from Deep
Power-Down or Read ID
1010 1011b (ABH)
0
0
0
TABLE 5-1:
DEVICE OPERATION INSTRUCTIONS
Instruction
Description
Op Code Cycle(1)
Address
Cycle(s)(2)
Dummy
Cycle(s)
Data
Cycle(s)
Maximum
Frequency
Note 1: One bus cycle is eight clock periods.
2: Address bits above the most significant bit of each density can be VIL or VIH.
3: One bus cycle is four clock periods in Dual Operation
4: 4-Kbyte Sector Erase addresses: use AMS-A12, remaining addresses are “don’t care” but must be set
either at VIL or VIH.
5: 64-Kbyte Block Erase addresses: use AMS-A16, remaining addresses are “don’t care” but must be set
either at VIL or VIH.
6: The Read STATUS Register is continuous with ongoing clock cycles until terminated by a low-to-high tran-
sition on CE#.
7: Device ID is read after three dummy address bytes. The Device ID output stream is continuous until ter-
minated by a low-to-high transition on CE#.
8: The instructions Release from Deep Power down and Read-ID are similar instructions (ABH). Executing
Read-ID requires the ABH instruction, followed by 24 dummy address bits to retrieve the Device ID.
Release from Deep Power-Down only requires the instruction ABH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com