Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080B Datasheet(PDF) 42 Page - Microchip Technology

Part # SST25WF080B
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 42 Page - Microchip Technology

Back Button SST25WF080B Datasheet HTML 36Page - Microchip Technology SST25WF080B Datasheet HTML 37Page - Microchip Technology SST25WF080B Datasheet HTML 38Page - Microchip Technology SST25WF080B Datasheet HTML 39Page - Microchip Technology SST25WF080B Datasheet HTML 40Page - Microchip Technology SST25WF080B Datasheet HTML 41Page - Microchip Technology SST25WF080B Datasheet HTML 42Page - Microchip Technology SST25WF080B Datasheet HTML 43Page - Microchip Technology SST25WF080B Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
SST25WF080B
DS20005164H-page 42
 2013-2022 Microchip Technology Inc. and its subsidiaries
PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
XXX
XX
Endurance/
Operating
Device
Device:
SST25WF080B = 8-Mbit,1.65V-1.95V, Serial Flash Memory
Tape and
Reel Flag:
T
= Tape and Reel(1)
Operating
Frequency:
40
= 40 MHz
Temperature: E
= -40°C to +125°C (AEC-Q100 Grade 1)
Package:
SN
= SOIC (150 mil Body), 8-lead
NP
= USON (2mm x 3mm Body), 8-contact
Variant(2,3):
13GVAO
= Standard Automotive
13GVXX
= Customer Specific Automotive
Valid Combinations:
SST25WF080B-40E/SN13GVAO
SST25WF080BT-40E/SN13GVAO
SST25WF080BT-40E/NP13GVAO
X
Tape/Reel
Indicator
Frequency
XX
Package
Temperature
Note 1:
Tape and Reel identifier only
appears in the catalog part number
description. This identifier is used for
ordering purposes and is not printed
on the device package. Check with
your Microchip Sales Office for pack-
age availability with the Tape and
Reel option.
2:
The VAO/VXX automotive variants
have been designed, manufactured,
tested and qualified in accordance
with AEC-Q100 requirements for
automotive applications.
3:
For customers requesting a PPAP, a
customer-specific part number will
be generated and provided. A PPAP
is not provided for VAO part num-
bers.
XXX
Variant
(1)
(2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com