Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080B Datasheet(PDF) 24 Page - Microchip Technology

Part # SST25WF080B
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 24 Page - Microchip Technology

Back Button SST25WF080B Datasheet HTML 20Page - Microchip Technology SST25WF080B Datasheet HTML 21Page - Microchip Technology SST25WF080B Datasheet HTML 22Page - Microchip Technology SST25WF080B Datasheet HTML 23Page - Microchip Technology SST25WF080B Datasheet HTML 24Page - Microchip Technology SST25WF080B Datasheet HTML 25Page - Microchip Technology SST25WF080B Datasheet HTML 26Page - Microchip Technology SST25WF080B Datasheet HTML 27Page - Microchip Technology SST25WF080B Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
SST25WF080B
DS20005164H-page 24
 2013-2022 Microchip Technology Inc. and its subsidiaries
6.5
DC Characteristics
TABLE 6-5:
DC OPERATING CHARACTERISTICS
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.(1)
Max.
Units
IDDR
Read Current
6
mA
CE# = 0.1 VDD/0.9 VDD@30 MHz,
SO = open; Single I/O
IDDR2
Read Current
8
mA
CE# = 0.1 VDD/0.9VDD@40 MHz,
SO = open
IDDR3
Read Current
10
mA
CE# = 0.1 VDD/0.9VDD@40 MHz,
SO = open; Dual I/O;
IDDW
Program and Erase Current
15
mA
CE# = VDD
ISB
Standby Current
Industrial
750
µA
CE# = VDD, VIN =VDD or VSS
Extended
770
µA
CE# = VDD, VIN =VDD or VSS
IDPD
Deep Power-Down
Industrial
210
µA
CE# = VDD, VIN =VDD or VSS
Extended
250
µA
CE# = VDD, VIN =VDD or VSS
ILI
Input Leakage Current
2
µA
VIN = GND to VDD, VDD =VDD Max
ILO
Output Leakage Current
2
µA
VOUT = GND to VDD,
VDD =VDD Max
VIL
Input Low Voltage
-0.3
0.3
V
VDD =VDD Min
VIH
Input High Voltage
0.7 VDD
VDD+0.3
V
VDD =VDD Max
VOL
Output Low Voltage
0.2
V
IOL = 100 µA, VDD =VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH = -100 µA, VDD =VDD Min
Note 1: Value characterized, not fully tested in production.
TABLE 6-6:
CAPACITANCE (TA = 25°C, F = 1 MHZ, OTHER PINS OPEN)
Parameter
Description
Test Condition
Maximum
COUT(1)
Output Pin Capacitance
VOUT =0V
12 pF
CIN(1)
Input Capacitance
VIN =0V
6 pF
Note 1: This parameter is measured only for initial qualification and after a design or process change that could
affect this parameter.
TABLE 6-7:
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND(1)
Endurance
100,000
Cycles JEDEC Standard A117
Status Register Write Cycle
100,000
Cycles JEDEC Standard A117
TDR(1)
Data Retention
20
Years
JEDEC Standard A103
ILTH(1)
Latch Up
100 + IDD
mA
JEDEC Standard 78
Note 1: This parameter is measured only for initial qualification and after a design or process change that could
affect this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com