Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032B-104I/SM Datasheet(PDF) 31 Page - Microchip Technology

Part # SST26VF032B-104I/SM
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/SM Datasheet(HTML) 31 Page - Microchip Technology

Back Button SST26VF032B-104I/SM Datasheet HTML 27Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 28Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 29Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 30Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 31Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 32Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 33Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 34Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005218K-page 31
SST26VF032B/SST26VF032BA
5.28
Lockout Security ID
The Lockout Security ID instruction prevents any future
changes to the Security ID, and is supported in both
SPI and SQI modes. Prior to the operation, execute
WREN.
To execute a Lockout SID, the host drives CE# low,
sends the Lockout Security ID command cycle (85H),
then drives CE# high. Poll the BUSY bit in the software
STATUS register, or wait TPSID, for the completion of
the Lockout Security ID operation.
5.29
Read STATUS Register (RDSR) and
Read Configuration Register
(RDCR)
The Read STATUS Register (RDSR) and Read Config-
uration Register (RDCR) commands output the contents
of the STATUS and Configuration registers. These
commands function in both SPI and SQI modes. The
STATUS register may be read at any time, even during
a write operation. When a write is in progress, poll the
BUSY bit before sending any new commands to assure
that the new commands are properly received by the
device.
To read the STATUS or Configuration registers, the
host drives CE# low, then sends the Read STATUS
Register command cycle (05H) or the Read Configura-
tion Register command (35H). A dummy cycle is
required in SQI mode. Immediately after the command
cycle, the device outputs data on the falling edge of the
SCK signal. The data output stream continues until ter-
minated by a low-to-high transition on CE#. See
Figure 5-28 and Figure 5-29 for the instruction
sequence.
FIGURE 5-28:
READ STATUS REGISTER AND READ CONFIGURATION REGISTER SEQUENCE
(SQI)
FIGURE 5-29:
READ STATUS REGISTER AND READ CONFIGURATION REGISTER SEQUENCE
(SPI)
Note:
MSN = Most Significant Nibble; LSN = Least Significant Nibble, C[1:0]=05H or 35H
MODE 3
0
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
2
XX
MSN LSN
4
H0 L0
6
H1 L1
8N
HN LN
Dummy
Data Byte
Data Byte
Data Byte
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05 or 35
MODE 0
High-Impedance
STATUS or Configuration
Register Out
MSb
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com