Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032B-104I/SM Datasheet(PDF) 33 Page - Microchip Technology

Part # SST26VF032B-104I/SM
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/SM Datasheet(HTML) 33 Page - Microchip Technology

Back Button SST26VF032B-104I/SM Datasheet HTML 29Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 30Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 31Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 32Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 33Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 34Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 35Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 36Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005218K-page 33
SST26VF032B/SST26VF032BA
5.31
Write Enable (WREN)
The Write Enable (WREN) instruction sets the Write-
Enable Latch bit in the STATUS register to ‘1,’ allowing
write operations to occur. The WREN instruction must be
executed prior to any of the following operations: Sec-
tor Erase, Block Erase, Chip Erase, Page Program,
Program Security ID, Lockout Security ID, Write Block
Protection Register, Lock-Down Block Protection Reg-
ister, nonvolatile Write Lock Lock-Down Register, SPI
Quad Page program, and Write STATUS Register. To
execute a Write Enable the host drives CE# low then
sends the Write Enable command cycle (06H) then
drives CE# high. See Figure 5-32 and Figure 5-33 for
the WREN instruction sequence.
FIGURE 5-32:
WRITE ENABLE SEQUENCE (SQI)
FIGURE 5-33:
WRITE ENABLE SEQUENCE (SPI)
MODE 3
0
1
SCK
SIO[3:0]
CE#
06
MODE 0
CE#
SI
SCK
01 2 3 4 5 6 7
06
MODE 0
MODE 3
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com