Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032B-104I/SM Datasheet(PDF) 36 Page - Microchip Technology

Part # SST26VF032B-104I/SM
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/SM Datasheet(HTML) 36 Page - Microchip Technology

Back Button SST26VF032B-104I/SM Datasheet HTML 32Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 33Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 34Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 35Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 36Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 37Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 38Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 39Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
SST26VF032B/SST26VF032BA
DS20005218K-page 36
 2013-2022 Microchip Technology Inc. and its subsidiaries
5.34
Write Block Protection Register
(WBPR)
The Write Block Protection Register (WBPR) command
changes the Block Protection register data to indicate
the protection status. Execute WREN before executing
WBPR.
To execute a Write Block Protection Register operation
the host drives CE# low, sends the Write Block Protec-
tion Register command cycle (42H), sends 18 cycles of
data, and finally drives CE# high. Data input must be
most significant bit(s) first. See Table 5-6 for definitions
of each bit in the Block Protection register. See
Figure 5-38 and Figure 5-39.
FIGURE 5-38:
WRITE BLOCK PROTECTION REGISTER SEQUENCE (SQI)
FIGURE 5-39:
WRITE BLOCK PROTECTION REGISTER SEQUENCE (SPI)
Note:
MSN = Most Significant Nibble, LSN = Least Significant Nibble
Block Protection Register (BPR) C[1:0]=42H
MODE 3
0
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
2
H0 L0
MSN LSN
4
H1 L1
6
H2 L2
8
H3 L3
10
H4 L4
12
H5 L5
HN LN
BPR [79:72]
BPR [7:0]
Note:
C[1:0]=42H
CE#
SO
SI
SCK
Data Byte0
01 2 3 4 5 6 7 8
Data Byte1
Data Byte2
Data ByteN
42H
15 16
23 24
31 32
MODE 0
MODE 3
OP Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com