Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032B-104I/SM Datasheet(PDF) 44 Page - Microchip Technology

Part # SST26VF032B-104I/SM
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/SM Datasheet(HTML) 44 Page - Microchip Technology

Back Button SST26VF032B-104I/SM Datasheet HTML 40Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 41Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 42Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 43Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 44Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 45Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 46Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 47Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
SST26VF032B/SST26VF032BA
DS20005218K-page 44
 2013-2022 Microchip Technology Inc. and its subsidiaries
7.0
DC CHARACTERISTICS
TABLE 7-1:
DC OPERATING CHARACTERISTICS (VDD = 2.3V - 3.6V)
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Units
IDDR1
Read Current
—
8
15
mA
VDD =VDD Max,
CE# = 0.1 VDD/0.9 VDD@40 MHz,
SO = open
IDDR2
Read Current
—
—
20
mA
VDD = VDD Max,
CE# = 0.1 VDD/0.9 VDD@104 MHz,
SO = open
IDDW1
Program and Erase Current
—
—
25
mA
CE# = VDD Max
IDDW2
Program and Erase Current
—
—
30
mA
CE# = VDD Max @ 125°C
ISB1
Standby Current
—
15
45
µA
CE# = VDD, VIN =VDD or VSS
ISB2
Standby Current
—
—
80
µA
CE# = VDD, VIN =VDD or VSS
@125°C
ILI
Input Leakage Current
—
—
2
µA
VIN = GND to VDD, VDD =VDD Max
ILO
Output Leakage Current
—
—
2
µA
VOUT = GND to VDD,
VDD =VDD Max
VIL
Input Low Voltage
—
—
0.8
V
VDD=VDD Min
VIH
Input High Voltage
0.7*VDD
——
V
VDD=VDD Max
VOL
Output Low Voltage
—
—
0.2
V
IOL = 100 µA, VDD =VDD Min
VOH
Output High Voltage
VDD-0.2
—
—
V
IOH = -100 µA, VDD =VDD Min
TABLE 7-2:
CAPACITANCE (TA = 25°C, F=1 MHZ, OTHER PINS OPEN)
Parameter
Description
Test Condition
Maximum
COUT(1)
Output Pin Capacitance
VOUT = 0V
8 pF
CIN(1)
Input Capacitance
VIN = 0V
6 pF
Note 1: This parameter is measured only for initial qualification and after a design or process change that could
affect this parameter.
TABLE 7-3:
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND(1)
Endurance
100,000
Cycles
JEDEC Standard A117 and
AEC-Q100-005
TDR(1)
Data Retention
100
Years
JEDEC Standard A103 and
AEC-Q100-005
ILTH(1)
Latch Up
100 + IDD
mA
JEDEC Standard 78 and
AEC-Q100-004
Note 1: This parameter is measured only for initial qualification and after a design or process change that could
affect this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com