Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032B-104I/SM Datasheet(PDF) 38 Page - Microchip Technology

Part # SST26VF032B-104I/SM
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/SM Datasheet(HTML) 38 Page - Microchip Technology

Back Button SST26VF032B-104I/SM Datasheet HTML 34Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 35Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 36Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 37Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 38Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 39Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 40Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 41Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
SST26VF032B/SST26VF032BA
DS20005218K-page 38
 2013-2022 Microchip Technology Inc. and its subsidiaries
5.36
Nonvolatile Write Lock Lock-Down
Register (nVWLDR)
The nonvolatile Write Lock Lock-Down Register
(nVWLDR) instruction controls the ability to change the
Write Lock bits in the Block Protection register. Execute
WREN before initiating the nVWLDR instruction.
To execute nVWLDR, the host drives CE# low, then
sends the nVWLDR command cycle (E8H), followed by
18 cycles of data, and then drives CE# high.
After CE# goes high, the nonvolatile bits are pro-
grammed and the programming time-out must com-
plete before any additional commands, other than
Read STATUS Register, can be entered. Poll the BUSY
bit in the STATUS register, or wait TPP, for the comple-
tion of the internal, self-timed, Write operation. Data
inputs must be most significant bit(s) first.
FIGURE 5-42:
WRITE LOCK LOCK-DOWN REGISTER SEQUENCE (SQI)
FIGURE 5-43:
WRITE LOCK LOCK-DOWN REGISTER SEQUENCE (SPI)
Note:
MSN= Most Significant Nibble; LSN = Least Significant Nibble
Write Lock Lock-Down Register (nVWLDR) m = 79
MODE 3
0
SCK
SIO[3:0]
CE#
E8
MODE 0
2
H0 L0
MSN LSN
4
H1 L1
6
H2 L2
8
H3 L3
10
H4 L4
12
H5 L5
HN LN
BPR [m:m-7]
BPR [7:0]
MODE 3
0
SCK
SIO[3:0]
CE#
E8
MODE 0
2
H0 L0
MSN LSN
4
H1 L1
6
H2 L2
8
H3 L3
10
H4 L4
12
H5 L5
HN LN
BPR [m:m-7]
BPR [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com