Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8140ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8140ACPZN-R7
Description  10 GHz to 18 GHz Low Noise Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8140ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8140ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8140ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet
ADL8140
10 GHz to 18 GHz Low Noise Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Self biased, single positive supply LNA
Resistor-adjustable bias current
Internally matched and AC-coupled
Frequency range: 10 GHz to 18 GHz
Noise figure: 1 dB from 12 GHz to 15 GHz
Gain: 27.5 dB from 12 GHz to 15 GHz
RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP
APPLICATIONS
Satellite communications
Radar
Telecommunications
GENERAL DESCRIPTION
The ADL8140 is a low noise amplifier (LNA) that operates from 10
GHz to 18 GHz.
Typical gain and noise figure are 27.5 dB and 1 dB, respectively,
from 12 GHz to 15 GHz. Output power for 1 dB compression
(OP1dB) and output third-order intercept (OIP3), are 8 dBm and 23
dBm, respectively, from 12 GHz to 15 GHz. The nominal quiescent
current (IDQ), which can be adjusted, is 35 mA from a 1.5 V supply
voltage (VDD). The ADL8140 also features inputs/outputs that are
AC-coupled and internally matched to 50 Ω.
The ADL8140 is housed in a RoHS-compliant, 2 mm × 2 mm,
8-lead lead frame chip scale package [LFCSP] and is specified for
operation from −55°C to +125°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADL8140ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8140ACPZN-R7-CSL AD-ADL8140ACPZN-R7-CSL Datasheet
304Kb / 8P
10 GHz to 18 GHz Low Noise Amplifier
Rev. 0
More results

Similar Description - ADL8140ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CLA-18-6004 TELEDYNE-CLA-18-6004 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6005 TELEDYNE-CLA-18-6005 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6006 TELEDYNE-CLA-18-6006 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6007 TELEDYNE-CLA-18-6007 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-2002 TELEDYNE-TLA-18-2002 Datasheet
895Kb / 2P
Low Noise Amplifier 2 GHz - 18 GHz
TLA-18-6004 TELEDYNE-TLA-18-6004 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6005 TELEDYNE-TLA-18-6005 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6006 TELEDYNE-TLA-18-6006 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com